công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

dsPIC33FJ64GS606 bảng dữ liệu(PDF) 45 Page - Microchip Technology

tên linh kiện dsPIC33FJ64GS606
Giải thích chi tiết về linh kiện  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS606 bảng dữ liệu(HTML) 45 Page - Microchip Technology

Back Button dsPIC33FJ64GS606 Datasheet HTML 41Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 42Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 43Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 44Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 45Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 46Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 47Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 48Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 45
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
4.0
MEMORY ORGANIZATION
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 architecture fea-
tures separate program and data memory spaces and
buses. This architecture also allows the direct access
to program memory from the data space during code
execution.
4.1
Program Address Space
The program address memory space is 4M instruc-
tions. The space is addressable by a 24-bit value
derived either from the 23-bit Program Counter (PC)
during program execution, or from table operation or
data space remapping as described in Section 4.6
“Interfacing Program and Data Memory Spaces”.
User application access to the program memory space
is restricted to the lower half of the address range
(0x000000 to 0x7FFFFF). The exception is the use of
TBLRD/TBLWT operations, which use TBLPAG<7> to
permit access to the Configuration bits and Device ID
sections of the configuration memory space.
The memory maps are shown in Figure 4-1.
FIGURE 4-1:
PROGRAM MEMORY MAPS FOR dsPIC33FJ32GS406/606/608/610 and
dsPIC33FJ64GS406/606/608/610 DEVICES
Note:
This data sheet summarizes the features
of the dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610
families of devices. It is not intended to be
a comprehensive reference source. To
complement the information in this data
sheet, refer to the dsPIC33F/PIC24H
Family Reference Manual, “Section 4.
Program Memory” (DS70203), which is
available from the Microchip web site
(www.microchip.com).
Reset Address
0x000000
0x0000FE
0x000002
0x000100
Device Configuration
User Program
Flash Memory
0x005800
0x0057FE
(11008 instructions)
0x800000
0xF80000
Registers
0xF80017
0xF80018
DEVID (2)
0xFEFFFE
0xFF0000
0xFFFFFE
0xF7FFFE
Unimplemented
(Read ‘0’s)
GOTO Instruction
0x000004
Reserved
0x7FFFFE
Reserved
0x000200
0x0001FE
0x000104
Alternate Vector Table
Reserved
Interrupt Vector Table
dsPIC33FJ32GS406/606/608/610
Reset Address
0x000000
0x0000FE
0x000002
0x000100
Device Configuration
User Program
Flash Memory
0x00AC00
0x00ABFE
(21760 instructions)
0x800000
0xF80000
Registers
0xF80017
0xF80018
0xF7FFFE
Unimplemented
(Read ‘0’s)
GOTO Instruction
0x000004
Reserved
0x7FFFFE
Reserved
0x000200
0x0001FE
0x000104
Alternate Vector Table
Reserved
Interrupt Vector Table
dsPIC33FJ64GS406/606/608/610
Reserved
0xFF0002
DEVID (2)
Reserved
0xFEFFFE
0xFF0000
0xFFFFFE
0xFF0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com