| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
dsPIC33FJ64GS406 bảng dữ liệu(PDF) 448 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC33FJ64GS406 bảng dữ liệu(HTML) 448 Page - Microchip Technology |
|
448 / 456 page ![]() dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 DS70591E-page 448 2009-2012 Microchip Technology Inc. Interrupt Controller (dsPIC33FJ64GS608 Devices)........................... 57 Interrupt Controller (dsPIC33FJ64GS610 Devices)........................... 55 NVM ............................................................................ 96 Output Compare ......................................................... 70 PMD (dsIPC33FJ64GS606 Devices).......................... 97 PMD (dsPIC33FJ32GS406 and dsPIC33FJ64GS406 Devices) ............................ 98 PMD (dsPIC33FJ32GS606 Devices).......................... 98 PMD (dsPIC33FJ32GS608 Devices).......................... 97 PMD (dsPIC33FJ32GS610 Devices).......................... 96 PMD (dsPIC33FJ64GS608 Devices).......................... 97 PMD (dsPIC33FJ64GS610 Devices).......................... 96 PORTA (dsPIC33FJ32GS608 and dsPIC33FJ64GS608 Devices) ............................ 91 PORTA (dsPIC33FJ32GS610 and dsPIC33FJ64GS610 Devices) ............................ 91 PORTB........................................................................ 92 PORTC (dsPIC33FJ32GS406/606 and dsPIC33FJ64GS406/606 Devices) ..................... 92 PORTC (dsPIC33FJ32GS608 and dsPIC33FJ64GS608 Devices) ............................ 92 PORTC (dsPIC33FJ32GS610 and dsPIC33FJ64GS610 Devices) ............................ 92 PORTD (dsPIC33FJ32GS406/606 and dsPIC33FJ64GS406/606 Devices) ..................... 93 PORTD (dsPIC33FJ32GS608/610 and dsPIC33FJ64GS608/610 Devices) ..................... 93 PORTE (dsPIC33FJ32GS406/606 and dsPIC33FJ64GS406/606 Devices) ..................... 93 PORTE (dsPIC33FJ32GS608/610 and dsPIC33FJ64GS608/610 Devices) ..................... 93 PORTF (dsPIC33FJ32GS406/606 and dsPIC33FJ64GS406/606 Devices) ..................... 94 PORTF (dsPIC33FJ32GS608 and dsPIC33FJ64GS608 Devices) ............................ 94 PORTF (dsPIC33FJ32GS610 and dsPIC33FJ64GS610 Devices) ............................ 94 PORTG (dsPIC33FJ32GS406/606 and dsPIC33FJ64GS406/606 Devices) ..................... 95 PORTG (dsPIC33FJ32GS608 and dsPIC33FJ64GS608 Devices) ............................ 95 PORTG (dsPIC33FJ32GS610 and dsPIC33FJ64GS610 Devices) ............................ 94 Quadrature Encoder Interface 1 (QEI1)...................... 70 Quadrature Encoder Interface 2 (QEI2)...................... 70 SPI1 ............................................................................ 81 SPI2 ............................................................................ 81 System Control ........................................................... 95 Timers ......................................................................... 69 UART1 ........................................................................ 80 UART2 ........................................................................ 80 Registers ACLKCON (Auxiliary Clock Divisor Control) ............. 197 ADBASE (ADC Base) ............................................... 318 ADC Base Register (ADBASE)................................. 318 ADCON (ADC Control) ............................................. 315 ADCPC0 (ADC Convert Pair Control 0) .................... 320 ADCPC1 (ADC Convert Pair Control 1) .................... 323 ADCPC2 (ADC Convert Pair Control 2) .................... 326 ADCPC3 (ADC Convert Pair Control 3) .................... 329 ADCPC4 (ADC Convert Pair Control 4) .................... 332 ADCPC5 (ADC Convert Pair Control 5) .................... 335 ADCPC6 (ADC Convert Pair Control 6) .................... 338 ADPCFG (ADC Port Configuration) .......................... 319 ADPCFG2 (ADC Port Configuration 2) ..................... 319 ADSTAT (ADC Status) ............................................. 317 ALTDTRx (PWM Alternate Dead-Time x)................. 246 AUXCONx (PWM Auxiliary Control x) ...................... 255 CHOP (PWM Chop Clock Generator) ...................... 239 CLKDIV (Clock Divisor) ............................................ 194 CMPCONx (Comparator Control x) .......................... 343 CMPDACx (Comparator DAC Control x) .................. 344 CORCON (Core Control) .................................... 38, 128 CxBUFPNT1 (ECANx Filter 0-3 Buffer Pointer 1)..... 294 CxBUFPNT2 (ECANx Filter 4-7 Buffer Pointer 2)..... 295 CxBUFPNT3 (ECANx Filter 8-11 Buffer Pointer 3) ............................................... 296 CxBUFPNT4 (ECANx Filter 12-15 Buffer Pointer 4) ............................................... 297 CxCFG1 (ECANx Baud Rate Configuration 1) ......... 292 CxCFG2 (ECANx Baud Rate Configuration 2) ......... 293 CxCTRL1 (ECANx Control 1) ................................... 284 CxCTRL2 (ECANx Control 2) ................................... 285 CxEC (ECANx Transmit/Receive Error Count)......... 292 CxFCTRL (ECANx FIFO Control)............................. 287 CxFEN1 (ECANx Acceptance Filter Enable 1) ......... 294 CxFIFO (ECANx FIFO Status).................................. 288 CxFMSKSEL1 (ECANx Filter 7-0 Mask Selection 1)....................................................... 299 CxFMSKSEL2 (ECANx Filter 15-8 Mask Selection 2)....................................................... 300 CxINTE (ECANx Interrupt Enable) ........................... 291 CxINTF (ECANx Interrupt Flag)................................ 289 CxRXFnEID (ECANx Acceptance Filter n Extended Identifier) .......................................... 299 CxRXFnSID (ECANx Acceptance Filter n Standard Identifier) ........................................... 298 CxRXFUL1 (ECANx Receive Buffer Full 1) .............. 302 CxRXFUL2 (ECANx Receive Buffer Full 2) .............. 302 CxRXMnEID (ECANx Acceptance Filter Mask n Extended Identifier) .......................................... 301 CxRXMnSID (ECANx Acceptance Filter Mask n Standard Identifier) ........................................... 301 CxRXOVF1 (ECANx Receive Buffer Overflow 1) ..... 303 CxRXOVF2 (ECANx Receive Buffer Overflow 2) ..... 303 CxTRmnCON (ECANx TX/RX Buffer mn Control) ............................................ 304 CxVEC (ECANx Interrupt Code)............................... 286 DFLTxCON (Digital Filter x Control) ......................... 260 DMACS0 (DMA Controller Status 0)......................... 183 DMACS1 (DMA Controller Status 1)......................... 184 DMAxCNT (DMA Channel x Transfer Count) ........... 182 DMAxCON (DMA Channel x Control)....................... 179 DMAxPAD (DMA Channel x Peripheral Address) .... 181 DMAxREQ (DMA Channel x IRQ Select) ................. 180 DMAxSTA (DMA Channel x RAM Start Address Offset A) ........................................................... 180 DMAxSTB (DMA Channel x RAM Start Address Offset B) ........................................................... 181 DSADR (Most Recent DMA RAM Address) ............. 185 DTRx (PWM Dead-Time x)....................................... 246 FCLCONx (PWM Fault Current-Limit Control x)....... 250 I2CxCON (I2Cx Control) ........................................... 269 I2CxMSK (I2Cx Slave Mode Address Mask) ............ 273 I2CxSTAT (I2Cx Status) ........................................... 271 ICxCON (Input Capture x Control, x = 1, 2).............. 224 ICxCON (Input Capture x Control)............................ 224 IEC0 (Interrupt Enable Control 0) ............................. 141 IEC1 (Interrupt Enable Control 1) ............................. 143 IEC2 (Interrupt Enable Control 2) ............................. 144 IEC3 (Interrupt Enable Control 3) ............................. 145 IEC4 (Interrupt Enable Control 4) ............................. 146 |