công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

dsPIC33FJ64GS406 bảng dữ liệu(PDF) 305 Page - Microchip Technology

tên linh kiện dsPIC33FJ64GS406
Giải thích chi tiết về linh kiện  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 bảng dữ liệu(HTML) 305 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 301Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 302Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 303Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 304Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 305Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 306Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 307Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 308Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 309Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 305
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
21.4
ECANx Message Buffers
ECANx message buffers are part of DMA RAM memory.
They are not ECAN Special Function Registers. The
user application must directly write into the DMA RAM
area that is configured for ECANx message buffers. The
location and size of the buffer area is defined by the user
application.
BUFFER 21-1:
ECANx MESSAGE BUFFER WORD 0
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
—
SID10
SID9
SID8
SID7
SID6
bit 15
bit 8
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
SID5
SID4
SID3
SID2
SID1
SID0
SRR
IDE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented: Read as ‘0’
bit 12-2
SID<10:0>: Standard Identifier bits
bit 1
SRR: Substitute Remote Request bit
1 = Message will request remote transmission
0 = Normal message
bit 0
IDE: Extended Identifier bit
1 = Message will transmit extended identifier
0 = Message will transmit standard identifier
BUFFER 21-2:
ECANx MESSAGE BUFFER WORD 1
U-0
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
—
—
—
—EID17
EID16
EID15
EID14
bit 15
bit 8
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EID13
EID12
EID11
EID10
EID9
EID8
EID7
EID6
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
Unimplemented: Read as ‘0’
bit 11-0
EID<17:6>: Extended Identifier bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com