| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST38VF6401B bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST38VF6401B bảng dữ liệu(HTML) 7 Page - Microchip Technology |
|
7 / 58 page ![]() 2013 Microchip Technology Inc. Preliminary DS25002B-page 7 SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B B128 4 KWord 1111111001 YES YES NO B129 4 KWord 1111111010 YES YES NO B130 4 KWord 1111111011 YES YES NO B131 4 KWord 1111111100 YES YES NO B132 4 KWord 1111111101 YES YES NO B133 4 KWord 1111111110 YES YES YES B134 4 KWord 1111111111 YES YES YES 1. Each block, B0-B127 is 32KWord. 2. X = 0 or 1. Block Address (BA) = A21 - A15 3. Each block has an associated VPB and NVPB, except for some blocks in SST38VF6403B and SST38VF6404B. In SST38VF6403B, Block B0 does not have a single VPB or NVPB for all 32 KWords. Instead, each block (4 KWord) in Block B0 has its own VPB and NVPB. In SST38VF6404B, Block B127 does not have a single VPB or NVPB for all 32 KWords. Instead, each block (4 KWord) in Block B127 has its own VPB and NVPB. 4. The 8KWord boot block consists of S0 and S1 in Block B0. 5. The 8KWord boot block consists of S1022 and S1023 in Block B127. TABLE 3-2: SST38VF6403B AND SST38VF6404B MEMORY MAPS (CONTINUED) (SHEET 2 OF 2) |