| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST38VF6401B bảng dữ liệu(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST38VF6401B bảng dữ liệu(HTML) 39 Page - Microchip Technology |
|
39 / 58 page ![]() 2013 Microchip Technology Inc. Preliminary DS25002B-page 39 SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B FIGURE 6-20: WRITE-BUFFER PROGRAMMING 25002 F25.2 Start Load data: XXAAH Address: 555H Load data: XX55H Address: 2AAH Load data: XX25H Address: BA Wait for end of Program Program Complete Load data: WC Address: BA Load data: Data Address: WA Program Buffer to Flash Load data: XX29H Address: BA Is Data Load complete? Yes No Keep writing to buffer Note: BA= Block Address WC = Word Count WA = Address of word to program All subsequent Address values (WAX) in Write Cycle 6 and later must have the same A21-A4 as WAX in Write Cycle 5. X can be VIL or VIH, but no other value |