| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F752 bảng dữ liệu(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F752 bảng dữ liệu(HTML) 83 Page - Microchip Technology |
|
83 / 238 page ![]() 2013 Microchip Technology Inc. Preliminary DS40001709A-page 83 PIC16F753/HV753 10.2 Compare Mode Compare mode makes use of the 16-bit Timer1 resource. The 16-bit value of the CCPR1H:CCPR1L register pair is constantly compared against the 16-bit value of the TMR1H:TMR1L register pair. When a match occurs, one of the following events can occur: • Toggle the CCP1 output • Set the CCP1 output • Clear the CCP1 output • Generate a Special Event Trigger • Generate a Software Interrupt The action on the pin is based on the value of the CCP1M<3:0> control bits of the CCP1CON register. At the same time, the interrupt flag CCP1IF bit is set. All Compare modes can generate an interrupt. Figure 10-2 shows a simplified diagram of the Compare operation. FIGURE 10-2: COMPARE MODE OPERATION BLOCK DIAGRAM 10.2.1 CCP1 PIN CONFIGURATION The user must configure the CCP1 pin as an output by clearing the associated TRIS bit. 10.2.2 TIMER1 MODE RESOURCE In Compare mode, Timer1 must be running in either Timer mode or Synchronized Counter mode. The compare operation may not work in Asynchronous Counter mode. See Section 7.0 “Timer1 Module with Gate Control” for more information on configuring Timer1. 10.2.3 SOFTWARE INTERRUPT MODE When Generate Software Interrupt mode is chosen (CCP1M<3:0> = 1010), the CCP1 module does not assert control of the CCP1 pin (see the CCP1CON register). 10.2.4 SPECIAL EVENT TRIGGER When Special Event Trigger mode is chosen (CCP1M<3:0> = 1011), the CCP1 module does the following: • Resets Timer1 • Starts an ADC conversion if ADC is enabled The CCP1 module does not assert control of the CCP1 pin in this mode. The Special Event Trigger output of the CCP1 occurs immediately upon a match between the TMR1H, TMR1L register pair and the CCPR1H, CCPR1L regis- ter pair. The TMR1H, TMR1L register pair is not reset until the next rising edge of the Timer1 clock. The Special Event Trigger output starts an A/D conversion (if the A/D module is enabled). This allows the CCPR1H, CCPR1L register pair to effectively provide a 16-bit programmable period register for Timer1. Refer to Section 12.0 “Analog-to-Digital Converter (ADC) Module” for more information. Note: Clearing the CCP1CON register will force the CCP1 compare output latch to the default low level. This is not the PORT I/O data latch. CCPR1H CCPR1L TMR1H TMR1L Comparator QS R Output Logic Special Event Trigger Set CCP1IF Interrupt Flag (PIR2) Match TRIS CCP1M<3:0> Mode Select Output Enable Pin CCP1 4 Note: Clocking Timer1 from the system clock (FOSC) should not be used in Compare mode. In order for Compare mode to recognize the trigger event on the CCP1 pin, TImer1 must be clocked from the instruction clock (FOSC/4) or from an external clock source. TABLE 10-2: SPECIAL EVENT TRIGGER Device CCP1 PIC16F753 PIC16HV753 CCP1 Note 1: The Special Event Trigger from the CCP module does not set interrupt flag bit TMR1IF of the PIR1 register. 2: Removing the match condition by changing the contents of the CCPR1H and CCPR1L register pair, between the clock edge that generates the Special Event Trigger and the clock edge that generates the Timer1 Reset, will preclude the Reset from occurring. |