| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F752 bảng dữ liệu(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F752 bảng dữ liệu(HTML) 82 Page - Microchip Technology |
|
82 / 238 page ![]() PIC16F753/HV753 DS40001709A-page 82 Preliminary 2013 Microchip Technology Inc. 10.1.5 CAPTURE DURING SLEEP Capture mode depends upon the Timer1 module for proper operation. If the Timer1 clock input source is a clock that is not disabled during Sleep, Timer1 will con- tinue to operate and Capture mode will operate during Sleep to wake the device. The T1CKI is an example of a clock source that will operate during Sleep. When the input source to Timer1 is disabled during Sleep, such as the HFINTOSC, Timer1 will not increment during Sleep. When the device wakes from Sleep, Timer1 will continue from its previous state. TABLE 10-1: SUMMARY OF REGISTERS ASSOCIATED WITH CAPTURE Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page CCP1CON — — DC1B<1:0> CCP1M<3:0> 87 CCPR1L CCPR1L<7:0> 81 CCPR1H CCPR1H<7:0> 81 INTCON GIE PEIE T0IE INTE IOCIE T0IF INTF IOCIF 19 PIE1 TMR1GIE ADIE — — HLTMR2IE HLTMR1IE TMR2IE TMR1IE 20 PIE2 — — C2IE C1IE — COG1IE — CCP1IE 21 PIR1 TMR1GIF ADIF — — HLTMR2IF HLTMR1IF TMR2IF TMR1IF 22 PIR2 — — C2IF C1IF — COG1IF — CCP1IF 23 T1CON TMR1CS<1:0> T1CKPS<1:0> T1OSCEN T1SYNC —TMR1ON 71 T1GCON TMR1GE T1GPOL T1GTM T1GSPM T1GGO/ DONE T1GVAL T1GSS<1:0> 72 TMR1H TMR1H<7:0> 63* TMR1L TMR1L<7:0> 63* TRISA — — TRISA5 TRISA4 TRISA3(1) TRISA2 TRISA1 TRISA0 46 Legend: — = Unimplemented location, read as ‘0’. Shaded cells are not used by Capture mode. * Page provides register information. Note 1: TRISA3 always reads ‘1’. |