| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F737 bảng dữ liệu(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F737 bảng dữ liệu(HTML) 2 Page - Microchip Technology |
|
2 / 280 page ![]() PIC16F7X7 DS30498D-page 2 2003-2013 Microchip Technology Inc. Pin Diagrams 10 11 2 3 4 5 6 1 8 7 9 12 13 14 15 16 17 18 19 20 23 24 25 26 27 28 22 21 MCLR/VPP/RE3 RA0/AN0 RA1/AN1 RA2/AN2/VREF-/CVREF RA3/AN3/VREF+ RA4/T0CKI/C1OUT RA5/AN4/LVDIN/SS/C2OUT VSS OSC2/CLKO/RA6 OSC1/CLKI/RA7 RC0/T1OSO/T1CKI RC1/T1OSI/CCP2(1) RC2/CCP1 RC3/SCK/SCL RB7/PGD RB6/PGC RB5/AN13/CCP3 RB4/AN11 RB3/CCP2(1)/AN9 RB2/AN8 RB1/AN10 RB0/INT/AN12 VDD VSS RC7/RX/DT RC6/TX/CK RC5/SDO RC4/SDI/SDA PDIP, SOIC, SSOP (28-pin) 2 3 4 5 6 1 7 RA2/AN2/VREF-/CVREF RA3/AN3/VREF+ RA4/T0CKI/C1OUT RA5/AN4/LVDIN/SS/C2OUT 15 16 17 18 19 20 21 RB0/INT/AN12 VDD VSS RC7/RX/DT VSS OSC2/CLKO/RA6 OSC1/CLKI/RA7 23 24 25 26 27 28 22 RB3/CCP2(1)/AN9 RB2/AN8 RB1/AN10 10 11 8 912 13 14 QFN (28-pin) PIC16F737 PIC16F767 Note 1: For the QFN package, it is recommended that the bottom pad be connected to VSS. 2: Pin location of CCP2 is determined by the CCPMX bit in Configuration Word Register 1. 10 11 2 3 4 5 6 1 8 7 29 30 31 32 33 23 24 25 26 27 28 9 PIC16F747 OSC2/CLKO/RA6 OSC1/CLKI/RA7 VSS VDD RE2/CS/AN7 RE1/WR/AN6 RE0/RD/AN5 RA5/AN4/LVDIN/SS/C2OUT RA4/T0CKI/C1OUT RC7/RX/DT RD4/PSP4 RD5/PSP5 RD6/PSP6 RD7/PSP7 VSS VDD RB0/INT/AN12 RB1/AN10 RB2/AN8 PIC16F777 QFN (44-pin)(1) VDD VSS NC |