| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NQ80331M500 bảng dữ liệu(PDF) 42 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
NQ80331M500 bảng dữ liệu(HTML) 42 Page - Intel Corporation |
|
42 / 67 page ![]() 42 Specification Update Intel® 80331 I/O Processor Non-Core Errata Implication: No negative impact expected. If the routine that reads the IINTVEC/FINTVEC qualifies the return value against IINTSRC0.0/FINTSRC0.0, it will either see there is nothing to do or it will validly call the DMA0 End-of-Transfer handler. Workaround: If IINTVEC/FINTVEC equals INTBASE, then re-read the IINTVEC/FINTVEC register. Status: No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9. |