công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NQ80331M500 bảng dữ liệu(PDF) 19 Page - Intel Corporation

tên linh kiện NQ80331M500
Giải thích chi tiết về linh kiện  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M500 bảng dữ liệu(HTML) 19 Page - Intel Corporation

Back Button NQ80331M500 Datasheet HTML 15Page - Intel Corporation NQ80331M500 Datasheet HTML 16Page - Intel Corporation NQ80331M500 Datasheet HTML 17Page - Intel Corporation NQ80331M500 Datasheet HTML 18Page - Intel Corporation NQ80331M500 Datasheet HTML 19Page - Intel Corporation NQ80331M500 Datasheet HTML 20Page - Intel Corporation NQ80331M500 Datasheet HTML 21Page - Intel Corporation NQ80331M500 Datasheet HTML 22Page - Intel Corporation NQ80331M500 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
Specification Update
19
Intel® 80331 I/O Processor
Non-Core Errata
Non-Core Errata
1.
CAS latency of three not supported for DDR-II On-Die Termination (ODT)
Problem:
For DDR-II memory with a CAS Latency (CL) of three, the memory controller unit (MCU) does
not provide the proper timing for the On-Die Termination signals (ODT[1:0]). The JEDEC DDR-II
SDRAM Specification, September 2002, states that ODT must be driven one cycle prior to the write
command, but the MCU does not meet this timing.
Implication:
CAS latency of 3 is not supported in the 80331, therefore minimal performance impact as
compared to CAS latency of 4.
Workaround:
Use CAS latency = 4 or do not use ODT feature.
Status:
No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9.
2.
Upper PCI signals on Secondary PCI bus are not driven low during reset
Problem:
PCI requires the central resource to provide valid logic states on AD[63:32], C/BE[7:4]# and PAR64
during reset, and that they may only be driven to zero. The S_AD[63:32], S_C/BE[7:4]#, S_PAR64
on the secondary PCI bus are not driven to zero during secondary bridge PCI-X initialization; instead,
these pins are tri-stated, “Z”. This is not a violation of the PCI Local Bus Specification, Revision 2.3.
Implication:
Some PCI targets may not operate correctly, when they require these signals to be zero during reset.
Workaround:
No workaround.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.
3.
Memory Controller Unit does not properly support 32-bit memory
configurations
Problem:
The memory controller unit (MCU) incorrectly stores the row address used in the page miss/page
hit look up table. The result of this can cause the MCU to incorrectly determine a page hit or miss.
When this occurs, it causes aliasing to an incorrect row of DDR SDRAM.
Implication:
32-bit memory cannot be used with A-1 stepping.
Workaround:
No workaround. Use a 64-bit memory subsystem.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.
4.
Legacy Power Fail Mechanism does not work
Problem:
For previous I/O processor generations, an external clock was required to maintain the incoming
PCI clock (P_CLK) long enough for the power fail sequence to be sent to the memory. This is what
is referred to as ‘legacy power fail’. The internal control circuit that enables the legacy power fail
method is broken.
Implication:
Legacy power fail cannot be used.
Workaround:
For 80331, a new feature was added which keeps internal clocks running on power fail.
Status:
No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67