| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS473 bảng dữ liệu(PDF) 65 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS473 bảng dữ liệu(HTML) 65 Page - Microchip Technology |
|
65 / 68 page ![]() HCS473 DS40035D-page 65 Preliminary 2000-2013 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. * JW Devices are UV erasable and can be programmed to any device configuration. JW Devices meet the electrical requirement of each oscillator type. Sales and Support Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom- mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office 2. The Microchip Worldwide Site (www.microchip.com) PART NO. X /XX XXX Pattern Package Temperature Range Device Device HCS473 Temperature Range - = 0 C to +70C I= -20 C to +85C Package P= PDIP SL = SOIC Pattern QTP, SQTP, ROM Code (factory specified) or Special Requirements . Blank for OTP and Windowed devices. Examples: a) To be supplied. |