| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS473 bảng dữ liệu(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS473 bảng dữ liệu(HTML) 57 Page - Microchip Technology |
|
57 / 68 page ![]() 2000-2013 Microchip Technology Inc. Preliminary DS40035D-page 57 HCS473 8.0 PACKAGING INFORMATION 8.1 Package Marking Information XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN 14-Lead PDIP (300 mil) Example 14-Lead SOIC (150 mil) XXXXXXXXXXX YYWWNNN Example XXXXXXXXXXX HCS473 XXXXXXXXXXXXXX 9904NNN HCS473 9904NNN XXXXXXXXXXX Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |