công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F103x4 bảng dữ liệu(PDF) 87 Page - STMicroelectronics

tên linh kiện STM32F103x4
Giải thích chi tiết về linh kiện  Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103x4 bảng dữ liệu(HTML) 87 Page - STMicroelectronics

Back Button STM32F103x4 Datasheet HTML 82Page - STMicroelectronics STM32F103x4 Datasheet HTML 83Page - STMicroelectronics STM32F103x4 Datasheet HTML 84Page - STMicroelectronics STM32F103x4 Datasheet HTML 85Page - STMicroelectronics STM32F103x4 Datasheet HTML 86Page - STMicroelectronics STM32F103x4 Datasheet HTML 87Page - STMicroelectronics STM32F103x4 Datasheet HTML 88Page - STMicroelectronics STM32F103x4 Datasheet HTML 89Page - STMicroelectronics STM32F103x4 Datasheet HTML 90Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
STM32F103x4, STM32F103x6
Revision history
Doc ID 15060 Rev 6
87/90
8
Revision history
Table 58.
Document revision history
Date
Revision
Changes
22-Sep-2008
1
Initial release.
30-Mar-2009
2
“96-bit unique ID” feature added and I/O information clarified on page 1.
Timers specified on page 1 (Motor control capability mentioned).
Table 4: Timer feature comparison added.
PB4, PB13, PB14, PB15, PB3/TRACESWO moved from Default column
to Remap column, plus small additional changes in Table 5: Low-density
STM32F103xx pin definitions.
Figure 8: Memory map modified.
References to VREF- removed:
– Figure 1: STM32F103xx performance line block diagram modified,
– Figure 11: Power supply scheme modified
– Figure 34: ADC accuracy characteristics modified
– Note modified in Table 49: ADC accuracy.
Table 20: High-speed external user clock characteristics and Table 21:
Low-speed external user clock characteristics modified.
Note modified in Table 13: Maximum current consumption in Run mode,
code with data processing running from Flash and Table 15: Maximum
current consumption in Sleep mode, code running from Flash or RAM.
Figure 17 shows a typical curve (title modified). ACCHSI max values
modified in Table 24: HSI oscillator characteristics.
TFBGA64 package added (see Table 54 and Table 44).
Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90