| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F103x4 bảng dữ liệu(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103x4 bảng dữ liệu(HTML) 58 Page - STMicroelectronics |
|
58 / 90 page ![]() Electrical characteristics STM32F103x4, STM32F103x6 58/90 Doc ID 15060 Rev 6 All I/Os are CMOS and TTL compliant (no software configuration required). Their characteristics cover more than the strict CMOS-technology or TTL parameters. The coverage of these requirements is shown in Figure 23 and Figure 24 for standard I/Os, and in Figure 25 and Figure 26 for 5 V tolerant I/Os. Figure 23. Standard I/O input characteristics - CMOS port Figure 24. Standard I/O input characteristics - TTL port |