công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZB4BVG6 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện ZB4BVG6
Giải thích chi tiết về linh kiện  Body/contact assemblies - Screw clamp terminal connections
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

ZB4BVG6 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  ZB4BVG6 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
6
To combine with heads, see pages 36060-EN_
Ver4.0/2 to 36067-EN_Ver3.0/2
References
Control and signalling units Ø 22
0
Harmony® XB4, metal
Body/contact assemblies - Faston connectors
Contact functions (1)
Faston connectors (6.35 or 2 x 2.8 mm) (Schneider Electric anti-retightening system)
Contacts for standard applications
Description
Type of
contact
Sold in
lots of
Unit
reference
Weight
kg
N/O
N/C
Contact blocks
Single
1
–
5
ZBE 1013
0.011
–1
5
ZBE 1023
0.011
Double
2
–
5
ZBE 2033
0.020
–2
5
ZBE 2043
0.020
11
5
ZBE 2053
0.020
Single with
body/fixing collar
1–
1
ZB4 BZ1013 (2)
0.053
–1
1
ZB4 BZ1023 (2)
0.053
2–
1
ZB4 BZ1033
0.062
–2
1
ZB4 BZ1043
0.062
11
1
ZB4 BZ1053
0.062
Contacts for specific applications
Application
Type of
contact
Description
Sold in
lots of
Unit
reference
Weight
kg
N/O
N/C
Low power switching
Single
Standard
1
–
5
ZBE 10163 (2)
0.012
–1
5
ZBE 10263 (2)
0.012
Dusty environments (3)
(IP5X, 50 μm dust)
1–
5
ZBE 1016P3 (2)
0.012
–1
5
ZBE 1026P3 (2)
0.012
Staggered contacts
Single
Early make
1–
5
ZBE 2013 (2)
0.011
N/O
Late break
–1
5
ZBE 2023 (2)
0.011
N/C
Clip-on legend holders for electrical blocks with screw clamp terminal connections
For use with
Sold in lots of
Unit reference
Weight
kg
Identification of an XB4 B control or signalling unit
10
ZBZ 001
0.001
Sheet of 50 blank legends
Legend holder ZBZ 001
10
ZBY 001
0.023
“SIS Label” labelling software (for legends ZBY 001)
For legend design
for English, French, German, Italian, Spanish
1
XBY 2U
0.100
(1) The contact blocks enable variable composition of body/contact assemblies. Maximum number of rows possible: 3.
Either 3 rows of 3 single contacts or 1 row of 3 double contacts + 1 row of 3 single contacts (double contacts occupy the first 2
rows).
(2) To order products with screw clamp terminal connections for lugs, replace the 3 at the end of the reference with a 9.
Example: ZBE 1013 becomes ZBE 1019.
(3) It is not possible to fit an additional contact block on the back of these contact blocks.
ZBE 1023
ZBE 1023
ZBE 2043
ZBE 2043
ZB4 BZ1043
ZB4 BZ1043
ZB4 BZ1053
ZB4 BZ1053
ZBZ 001
ZBZ 001
Labelling
softw
are
Logiciel
de création
d'étiquettes
Beschr
iftungssoftw
are
Softw
are par
a crear
etiquetas
Softw
are per
la creazione
di etichette
SIS-Label
Merlin
Gerin
Modicon
Square
D
Telemecanique
XBY 2U
Labelling
softw
are
Logiciel
de création
d'étiquettes
Beschr
iftungssoftw
are
Softw
are par
a crear
etiquetas
Softw
are per
la creazione
di etichette
SIS-Label
Merlin
Gerin
Modicon
Square
D
Telemecanique
XBY 2U
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
36068-EN_Ver4.1.indd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com