công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZB4BVG6 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện ZB4BVG6
Giải thích chi tiết về linh kiện  Body/contact assemblies - Screw clamp terminal connections
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

ZB4BVG6 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  ZB4BVG6 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
4
To combine with heads, see pages 36060-EN_
Ver4.0/2 to 36067-EN_Ver3.0/2
References
Control and signalling units Ø 22
0
Harmony® XB4, metal
Body/contact assemblies - Spring terminal connections
Body/fixing collar
For use with
Sold in lots of
Unit reference
Weight
kg
Electrical block (contact or light)
10
ZB4 BZ009
0.038
Contact functions
Spring terminal connections (1)
Contacts for standard applications
Description
Type of contact
Sold in lots of
Unit reference
Weight
kg
N/O
N/C
Contact blocks
Single
1
–
4
ZBE 1015
0.011
–1
4
ZBE 1025
0.011
Single with
body/fixing collar
1–
1
ZB4 BZ1015
0.053
–1
1
ZB4 BZ1025
0.053
2–
1
ZB4 BZ1035
0.062
–2
1
ZB4 BZ1045
0.062
Light blocks
Spring terminal connections (1)
Description
Supply voltage
V
Colour of
light source
Sold in lots of
Unit reference
Weight
kg
Integral LED
(to combine with
heads for integral LED)
z 12
(50/60 Hz)
White
4
ZBV J15
0.016
Green
4
ZBV J35
0.016
Red
4
ZBV J45
0.016
Orange
4
ZBV J55
0.016
Blue
4
ZBV J65
0.016
z 24
(50/60 Hz)
White
4
ZBV B15
0.016
Green
4
ZBV B35
0.016
Red
4
ZBV B45
0.016
Orange
4
ZBV B55
0.016
Blue
4
ZBV B65
0.016
a 110...120
(50/60 Hz)
White
4
ZBV G15
0.016
Green
4
ZBV G35
0.016
Red
4
ZBV G45
0.016
Orange
4
ZBV G55
0.016
Blue
4
ZBV G65
0.016
a 230...240
(50/60 Hz)
White
4
ZBV M15
0.016
Green
4
ZBV M35
0.016
Red
4
ZBV M45
0.016
Orange
4
ZBV M55
0.016
Blue
4
ZBV M65
0.016
Sheet of 50 blank legends
For use with
Sold in lots of
Unit reference
Weight
kg
Legend holder ZBZ 001
10
ZBY 001
0.023
“SIS Label” labelling software (for legends ZBY 001)
For legend design
for English, French, German, Italian, Spanish
10
XBY 2U
0.100
(1) It is not possible to fit an additional block on the back of these contact or light blocks.
ZB4 BZ009
ZB4 BZ009
Labelling
softw
are
Logiciel
de création
d'étiquettes
Beschr
iftungssoftw
are
Softw
are par
a crear
etiquetas
Softw
are per
la creazione
di etichette
SIS-Label
Merlin
Gerin
Modicon
Square
D
Telemecanique
XBY 2U
Labelling
softw
are
Logiciel
de création
d'étiquettes
Beschr
iftungssoftw
are
Softw
are par
a crear
etiquetas
Softw
are per
la creazione
di etichette
SIS-Label
Merlin
Gerin
Modicon
Square
D
Telemecanique
XBY 2U
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
ZBE 1015
ZB4 BZ1015
36068-EN_Ver4.1.indd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com