| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W25Q128FVCIP bảng dữ liệu(PDF) 96 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W25Q128FVCIP bảng dữ liệu(HTML) 96 Page - Winbond |
|
96 / 97 page ![]() W25Q128FV - 95 - 11.1 Valid Part Numbers and Top Side Marking The following table provides the valid part numbers for the W25Q128FV SpiFlash Memory. Please contact Winbond for specific availability by density and package type. Winbond SpiFlash memories use a 12-digit Product Number for ordering. However, due to limited space, the Top Side Marking on all packages uses an abbreviated 10-digit number. PACKAGE TYPE DENSITY PRODUCT NUMBER TOP SIDE MARKING S SOIC-8 208-mil 128M-bit W25Q128FVSIG W25Q128FVSIP W25Q128FVSIQ 25Q128FVSG 25Q128FVSP 25Q128FVSQ T (1) VSOP-8 208-mil 128M-bit W25Q128FVTIG W25Q128FVTIP 25Q128FVTG 25Q128FVTP A PDIP-8 300-mil 128M-bit W25Q128FVAIG W25Q128FVAIP W25Q128FVAIQ 25Q128FVIG 25Q128FVIP 25Q128FVIQ F SOIC-16 300-mil 128M-bit W25Q128FVFIG W25Q128FVFIP W25Q128FVFIQ 25Q128FVFG 25Q128FVFP 25Q128FVFQ P WSON-8 6x5-mm 128M-bit W25Q128FVPIG W25Q128FVPIP W25Q128FVPIQ 25Q128FVPG 25Q128FVPP 25Q128FVPQ E WSON-8 8x6-mm 128M-bit W25Q128FVEIG W25Q128FVEIP W25Q128FVEIQ 25Q128FVEG 25Q128FVEP 25Q128FVEQ B (1) TFBGA-24 8x6-mm (5x5 Ball Array) 128M-bit W25Q128FVBIG W25Q128FVBIP 25Q128FVBG 25Q128FVBP C (1) TFBGA-24 8x6-mm (6x4 Ball Array) 128M-bit W25Q128FVCIG W25Q128FVCIP 25Q128FVCG 25Q128FVCP Note: 1. These package types are special order, please contact Winbond for more information. |