| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC911 bảng dữ liệu(PDF) 4 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC911 bảng dữ liệu(HTML) 4 Page - Motorola, Inc |
|
4 / 4 page ![]() MPC911 MOTOROLA TIMING SOLUTIONS BR1333 — REV 5 4 OUTLINE DIMENSIONS FN SUFFIX PLASTIC PACKAGE CASE 776-02 ISSUE D G1 A B C E F G H J K R U V W X Y Z G1 K1 Z1 MIN MIN MAX MAX MILLIMETERS INCHES DIM 12.32 12.32 4.20 2.29 0.33 0.66 0.51 0.64 11.43 11.43 1.07 1.07 1.07 — 2 ° 10.42 1.02 2 ° 12.57 12.57 4.57 2.79 0.48 0.81 — — 11.58 11.58 1.21 1.21 1.42 0.50 10 ° 10.92 — 10 ° 0.485 0.485 0.165 0.090 0.013 0.026 0.020 0.025 0.450 0.450 0.042 0.042 0.042 — 2 ° 0.410 0.040 2 ° 0.495 0.495 0.180 0.110 0.019 0.032 — — 0.456 0.456 0.048 0.048 0.056 0.020 10 ° 0.430 — 10 ° 1.27 BSC 0.050 BSC NOTES: 1. DUE TO SPACE LIMITATION, CASE 776-02 SHALL BE REPRESENTED BY A GENERAL (SMALLER) CASE OUTLINE DRAWING RATHER THAN SHOWING ALL 28 LEADS. 2. DATUMS -L-, -M-, -N-, AND -P- DETERMINED WHERE TOP OF LEAD SHOULDER EXIT PLASTIC BODY AT MOLD PARTING LINE. 3. DIM G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 4. DIM R AND U DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE MOLD PROTRUSION IS 0.25 (0.010) PER SIDE. 5. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 6. CONTROLLING DIMENSION: INCH. 7. 776-01 IS OBSOLETE, NEW STANDARD 776-02. -N- Y BRK D D W -M- -L- -P- 28 1 V 28 LEADS ACTUAL DETAIL S B U Z1 G1 X VIEW D-D H K1 K F DETAIL S G C Z A R E 0.10 (0.004) SEATING PLANE -T- 0.18 (0.007) M T S N S L –P S –M S 0.18 (0.007) M T S N S L –P S –M S S S SS 0.25 (0.010) M TN L –P –M S S SS 0.18 (0.007) M TL N –M –P S S SS 0.18 (0.007) M TL N –M –P S S SS 0.25 (0.010) T L N –M –P S S SS 0.18 (0.007) M TL N –M –P S S SS 0.18 (0.007) M TN L –P –M S S SS S S SS 0.18 (0.007) M TL N –M –P 0.18 (0.007) M TN L –P –M J S Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141 Japan. ASIA-PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong. MPC911/D *MPC911/D* ◊ |