| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S103F3P3 bảng dữ liệu(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S103F3P3 bảng dữ liệu(HTML) 105 Page - STMicroelectronics |
|
105 / 113 page ![]() Reserved AFR3 Reserved AFR4 [ ] 0: Remapping option inactive. Default alternate functions used. Refer to pinout description AFR5 (check only one option) [ ] 1: Port D0 alternate function = CLK_CCO [ ] 0: Remapping option inactive. Default alternate functions used. Refer to pinout description AFR6 (check only one option) [ ] 1: Port D7 alternate function = TIM1_CH4 Reserved AFR7 OPT2 alternate function remapping for STM8S103F Do not use more than one remapping option in the same port. It is forbidden to enable both AFR1 and AFR0. [ ] 0: Remapping option inactive. Default alternate functions used. Refer to pinout description AFR0 (check only one option) [ ] 1: Port C5 alternate function = TIM2_CH1, port C6 alternate function = TIM1_CH1, and port C7 alternate function = TIM1_CH2 [ ] 0: Remapping option inactive. Default alternate functions used. Refer to pinout description AFR1 (check only one option) [ ] 1: Port A3 alternate function = SPI_NSS and port D2 alternate function = TIM2_CH3 Reserved AFR2 [ ] 0: Remapping option inactive. Default alternate functions used. Refer to pinout description AFR3 (check only one option) [ ] 1: Port C3 alternate function = TLI [ ] 0: Remapping option inactive. Default alternate functions used. Refer to pinout description AFR4 (check only one option) [ ] 1: Port B4 alternate function = ADC_ETR and port B5 alternate function = TIM1_BKIN Reserved AFR5 Reserved AFR6 [ ] 0: Remapping option inactive. Default alternate functions used. Refer to pinout description AFR7 (check only one option) [ ] 1: Port C3 alternate function = TIM1_CH1N and port C4 alternate function = TIM1_CH2N 105/113 DocID15441 Rev 6 Ordering information STM8S103K3 STM8S103F3 STM8S103F2 |