| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S103F3P3 bảng dữ liệu(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S103F3P3 bảng dữ liệu(HTML) 46 Page - STMicroelectronics |
|
46 / 113 page ![]() Description Option byte no. Reserved AFR1 Alternate function remapping option 1 (2) 0: AFR1 remapping option inactive: Default alternate functions (1). 1: Port A3 alternate function = SPI_NSS; port D2 alternate function = TIM2_CH3. AFR0 Alternate function remapping option 0 (2) 0: AFR0 remapping option inactive: Default alternate functions (1). 1: Port C5 alternate function = TIM2_CH1; port C6 alternate function = TIM1_CH1; port C7 alternate function = TIM1_CH2. (1) Refer to pinout description. (2) Do not use more than one remapping option in the same port. It is forbidden to enable both AFR1 and AFR0. DocID15441 Rev 6 46/113 STM8S103K3 STM8S103F3 STM8S103F2 Option bytes |