| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S103F3P3 bảng dữ liệu(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S103F3P3 bảng dữ liệu(HTML) 104 Page - STMicroelectronics |
|
104 / 113 page ![]() TRAP instruction opcode [ ]0x83 Illegal opcode (causes a reset when executed) [ ]0x75 OPT0 memory readout protection (check only one option) [ ] Disable or [ ] Enable OPT1 user boot code area (UBC) 0x(_ _) fill in the hexadecimal value, refering to the datasheet and the binary format below. [ ] 0: Reset UBC, bit0 [ ] 1: Set [ ] 0: Reset UBC bit1 [ ] 1: Set [ ] 0: Reset UBC bit2 [ ] 1: Set [ ] 0: Reset UBC bit3 [ ] 1: Set [ ] 0: Reset UBC bit4 [ ] 1: Set [ ] 0: Reset UBC bit5 [ ] 1: Set [ ] 0: Reset UBC bit6 [ ] 1: Set [ ] 0: Reset UBC bit7 [ ] 1: Set OPT2 alternate function remapping for STM8S103K Do not use more than one remapping option in the same port. It is forbidden to enable both AFR1 and AFR0. Reserved AFR0 [ ] 0: Remapping option inactive. Default alternate functions used. Refer to pinout description AFR1 (check only one option) [ ] 1: Port A3 alternate function = SPI_NSS and port D2 alternate function = TIM2_CH3 Reserved AFR2 DocID15441 Rev 6 104/113 STM8S103K3 STM8S103F3 STM8S103F2 Ordering information |