công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2025-330E/P bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện MCP2025-330E/P
Giải thích chi tiết về linh kiện  LIN Transceiver with Voltage Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025-330E/P bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button MCP2025-330E/P Datasheet HTML 14Page - Microchip Technology MCP2025-330E/P Datasheet HTML 15Page - Microchip Technology MCP2025-330E/P Datasheet HTML 16Page - Microchip Technology MCP2025-330E/P Datasheet HTML 17Page - Microchip Technology MCP2025-330E/P Datasheet HTML 18Page - Microchip Technology MCP2025-330E/P Datasheet HTML 19Page - Microchip Technology MCP2025-330E/P Datasheet HTML 20Page - Microchip Technology MCP2025-330E/P Datasheet HTML 21Page - Microchip Technology MCP2025-330E/P Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
MCP2025
DS22306A-page 18
 2012 Microchip Technology Inc.
2.4
AC Specification
AC CHARACTERISTICS
VBB = 6.0V to 18.0V; TA = -40°C to +125°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Bus Interface - Constant Slope Time Parameters (DC specifications are for a VBB range of 6.0 to 18.0V)
Slope rising and falling
edges
tSLOPE
3.5
—
22.5
µs
7.3V <= VBB <= 18V
Propagation Delay of
Transmitter
tTRANSPD
——
6.0
µs
tTRANSPD = max (tTRANSPDR
or tTRANSPDF)
Propagation Delay of
Receiver
tRECPD
——
6.0
µs
tRECPD = max (tRECPDR or
tRECPDF)
Symmetry of Propagation
Delay of Receiver rising
edge w.r.t. falling edge
tRECSYM
-2.0
—
2.0
µs
trecsym = max (trecpdf –
trecpdr)
RRXD 2.4K
to VCC, CRXD
20pF
Symmetry of Propagation
Delay of Transmitter rising
edge w.r.t. falling edge
tTRANSSYM
-2.0
—
2.0
µs
tTRANSSYM = max (tTRANSPDF
- tTRANSPDR)
Bus dominant time-out time
tTO(LIN)
—25
—
mS
Duty Cycle 1 @20.0 kbit/sec
.396
—
—
%tBIT
CBUS;RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 |
10 nF; 500
THREC(MAX) = 0.744 x VBB,
THDOM(MAX) = 0.581 x VBB,
VBB =7.0V - 18V; tBIT = 50 µs.
D1 = tBUS_REC(MIN) / 2 x tBIT)
Duty Cycle 2 @20.0 kbit/sec
—
—
.581
%tBIT
CBUS;RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 |
10 nF; 500
THREC(MAX) = 0.284 x VBB,
THDOM(MAX) = 0.422 x VBB,
VBB =7.6V - 18V; tBIT = 50 µs.
D2 = tBUS_REC(MAX) / 2 x tBIT)
Duty Cycle 3 @10.4 kbit/sec
.417
—
—
%tBIT
CBUS;RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 |
10 nF; 500
THREC(MAX) = 0.778 x VBB,
THDOM(MAX) = 0.616 x VBB,
VBB =7.0V - 18V; tBIT = 96 µs.
D3 = tBUS_REC(MIN) / 2 x tBIT)
Duty Cycle 4 @10.4 kbit/sec
—
—
.590
%tBIT
CBUS;RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 |
10 nF; 500
THREC(MAX) = 0.251 x VBB,
THDOM(MAX) = 0.389 x VBB,
VBB =7.6V - 18V; tBIT = 96 µs.
D4 = tBUS_REC(MAX) / 2 x tBIT)
Note 1:
Time depends on external capacitance and load. Test condition: CREG = 4.7uF, no resistor load.
2:
For design guidance only, not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com