công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2025-330E/P bảng dữ liệu(PDF) 1 Page - Microchip Technology

tên linh kiện MCP2025-330E/P
Giải thích chi tiết về linh kiện  LIN Transceiver with Voltage Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025-330E/P bảng dữ liệu(HTML) 1 Page - Microchip Technology

  MCP2025-330E/P Datasheet HTML 1Page - Microchip Technology MCP2025-330E/P Datasheet HTML 2Page - Microchip Technology MCP2025-330E/P Datasheet HTML 3Page - Microchip Technology MCP2025-330E/P Datasheet HTML 4Page - Microchip Technology MCP2025-330E/P Datasheet HTML 5Page - Microchip Technology MCP2025-330E/P Datasheet HTML 6Page - Microchip Technology MCP2025-330E/P Datasheet HTML 7Page - Microchip Technology MCP2025-330E/P Datasheet HTML 8Page - Microchip Technology MCP2025-330E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2012 Microchip Technology Inc.
DS22306A-page 1
MCP2025
Features
• The MCP2025 is compliant with:
- LIN Bus Specifications Version 1.3, and 2.x
- SAE J2602-2
• Supports Baud Rates up to 20 kBaud
• 43V Load Dump Protected
• Maximum Continuous Input Voltage of 30V
• Wide LIN Compliant Supply Voltage: 6.0-18.0V
• Extended Temperature Range: -40 to +125°C
• Interface to PIC® EUSART and Standard USARTs
• Wake-up on LIN Bus Activity or Local Wake Input
• LIN Bus Pin
- Internal Pull-up Termination Resistor and
Diode for Slave Node
- Protected Against VBAT Shorts
- Protected Against Loss of Ground
- High Current Drive
• TXD and LIN Bus Dominant Time-out Function
• Two Low-power Modes
- TRANSMITTER-OFF: 90 µA (typical)
- POWER-DOWN mode: 4.5 µA (typical)
• MCP2025 On-chip Voltage Regulator
- Output Voltage of 5.0V or 3.3V 70 mA
Capability with Tolerances of ±3% Over
Temperature Range.
- Internal Short Circuit Current Limit
- Only External Filter and Load Capacitors
Needed
• Automatic Thermal Shutdown
• High Electromagnetic Immunity (EMI), Low
Electromagnetic Emission (EME)
• Robust ESD Performance: ±15 kV for LBUS and
VBB Pin (IEC61000-4-2)
• Transient Protection for LBUS and VBB pins in
Automotive Environment (ISO7637)
• Meets stringent automotive design requirements
including “OEM Hardware Requirements for LIN,
CAN and FlexRay Interfaces in Automotive
Applications”, Version 1.2, March 2011
• Multiple Package Options Including Small 4x4 mm
DFN
Description
The MCP2025 provides a bidirectional, half-duplex
communication physical interface to meet the LIN bus
specification Revision 2.1 and SAE J2602-2. The
device incorporates a voltage regulator with 5V or 3.3V
70 mA regulated power supply output.
The device has been designed to meet the stringent
quiescent current requirements of the automotive
industry and will survive +43V load dump transients,
and double battery jumps.
MCP2025 family members include:
- MCP2025-500, 8-pin, LIN driver with 5.0V
regulator
- MCP2025-330, 8-pin, LIN driver with 3.3V
regulator
Package Types (Top View)
PDIP, SOIC
VSS
CS/LWAKE
LIN
1
2
3
4
8
7
6
5
VBB
VREG
RESET
TXD
RXD
4x4 DFN
1
2
3
4
8
7
6
5
EP
9
VSS
CS/LWAKE
LIN
VBB
VREG
RESET
TXD
RXD
LIN Transceiver with Voltage Regulator


Số phần tương tự - MCP2025-330E/P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2025-330E/P MICROCHIP-MCP2025-330E/P Datasheet
1Mb / 38P
LIN Transceiver with Voltage Regulator
03/25/14
MCP2025-330E/P MICROCHIP-MCP2025-330E/P Datasheet
1Mb / 38P
LIN Transceiver with Voltage Regulator
August 2014
More results

Mô tả tương tự - MCP2025-330E/P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
logo
Microchip Technology
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
LIN Transceiver with Voltage Regulator
2009
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
LIN Transceiver with Voltage Regulator
2005-2012
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
LIN Transceiver with Voltage Regulator
03/25/14
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
LIN Transceiver with Voltage Regulator
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com