| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCC4008BK bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4008BK bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 24 page ![]() HCC4073B Rad-hard triple 3-input AND gate 100 krad (Si) ESCC Y 9201/064 Flat-14 - DIL-14 HCC4075B Rad-hard triple 3-input OR gate - 9201/065 Flat-14 - DIL-14 HCC4076B Rad-hard 4-bit D-type register Y 9306/022 Flat-16 - DIL-16 HCC4077B Rad-hard quad exclusive NOR gate - 9201/055 Flat-14 - DIL-14 HCC4078B Rad-hard 8-input NOR/OR gate - 9201/062 Flat-14 - DIL-14 HCC4081B Rad-hard quad 2-input AND gate Y 9201/052 Flat-14 - DIL-14 HCC4082B Rad-hard dual 4-input AND gate - 9201/066 Flat-14 - DIL-14 HCC4093B Rad-hard quad 2-input NAND Schmitt trigger Y 9409/002 Flat-14 - DIL-14 HCC4094B Rad-hard 8-stage shift-and-store bus register Y 9306/026 Flat-16 - DIL-16 HCC4098B Rad-hard dual monostable multivibrator - 9206/002 Flat-16 - DIL-16 HCC4099B Rad-hard 8-bit addressable latch Y 9202/058 Flat-16 - DIL-16 HCC40103B Rad-hard presettable 8-bit binary down counter Y 9204/036 Flat-16 - DIL-16 HCC40106B Rad-hard hex schmitt trigger Y 9409/005 Flat-14 - DIL-14 HCC40107B Rad-hard dual 2-input NAND buffer/driver Y 9401/013 Flat-14 - DIL-14 HCC40109B Rad-hard quad low-to-high voltage level shifter Y 9407/003 Flat-16 - DIL-16 HCC40161B Rad-hard binary counter with asynchronous clear Y 9204/054 Flat-16 - DIL-16 HCC40174B Rad-hard hex D Flip-Flop Y 9203/038 Flat-16 - DIL-16 HCC40193B Rad-hard presettable 4-bit binary up-down counter - 9204/041 Flat-16 - DIL-16 HCC4502B Rad-hard strobed hex inverter/buffer Y 9401/006 Flat-16 - DIL-16 HCC4503B Rad-hard hex buffer 3-state non-inverter Y 9401/030 Flat-16 - DIL-16 HCC4508B Rad-hard dual 4-bit Latch 3-state outputs Y 9202/063 Flat-24 - DIL-24 HCC4512B Rad-hard 8-channel data selec. with 3-state output Y 9408/006 Flat-16 - DIL-16 Table 1. Device summary (continued) Part number Description Radiation level Agency qualification EPPL ESCC specification Package |