| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCC4008BK bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4008BK bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 24 page ![]() HCC4019BK 9202/051/01 or 02 ESCC flight Specify ESCC variant number in PO Flat-16 Gold or solder dip 920205101 or 02 0.70 Y Strip pack HCC4019BD 9202/051/08 or 09 DIL-16 920205108 or 09 2.20 - HCC4020BK 9204/022/01 or 02 Flat-16 920402201 or 02 0.70 Y HCC4020BD 9204/022/08 or 09 DIL-16 920402208 or 09 2.20 - HCC4021BK 9306/016/01 or 02 Flat-16 930601601 or 02 0.70 Y HCC4021BD 9306/016/08 or 09 DIL-16 930601608 or 09 2.20 - HCC4022BK 9204/023/01 or 02 Flat-16 920402301 or 02 0.70 - HCC4022BD 9204/023/08 or 09 DIL-16 920402308 or 09 2.20 - HCC4023BK 9201/045/01 or 02 Flat-14 920104501 or 02 0.70 Y HCC4023BD 9201/045/03 or 04 DIL-14 920104503 or 04 2.20 - HCC4024BK 9204/024/01 or 02 Flat-14 920402401 or 02 0.70 Y HCC4024BD 9204/024/03 or 04 DIL-14 920402403 or 04 2.20 - HCC4025BK 9201/046/01 or 02 Flat-14 920104601 or 02 0.70 - HCC4025BD 9201/046/03 or 04 DIL-14 920104603 or 04 2.20 - HCC4027BK 9203/022/01 or 02 Flat-16 920302201 or 02 0.70 Y HCC4027BD 9203/022/08 or 09 DIL-16 920302208 or 09 2.20 - HCC4028BK 9205/010/01 or 02 Flat-16 920501001 or 02 0.70 Y HCC4028BD 9205/010/08 or 09 DIL-16 920501008 or 09 2.20 - HCC4029BK 9204/025/01 or 02 Flat-16 920402501 or 02 0.70 Y HCC4029BD 9204/025/08 or 09 DIL-16 920402508 or 09 2.20 - HCC4030BK 9201/047/01 or 02 Flat-14 920104701 or 02 0.70 Y HCC4030BD 9201/047/03 or 04 DIL-14 920104703 or 04 2.20 - HCC4034BK 9306/025/01 or 02 Flat-24 930602501 or 02 1.70 - HCC4034BD 9306/025/03 or 04 DIL-24 930602503 or 04 5.20 - HCC4035BK 9306/018/01 or 02 Flat-16 930601801 or 02 0.70 Y Table 10. Ordering information (continued) Order code ESCC detailed specification Quality level Comment Package Lead finish Marking Mass (g) EPPL Packing |