| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8043 bảng dữ liệu(PDF) 3 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
8043 bảng dữ liệu(HTML) 3 Page - 3M Electronics |
|
3 / 5 page ![]() 3MTM Head Protection Products Features of all 3MTM Hard Hats: • Available in a variety of colors and with several head suspension options. • Meet the requirements of the American National Standard for Industrial Head Protection ANSI Z89.1-1997, Type I, Class C, E and G. Certified when headband is installed in reverse position or when hard hat is worn backwards. • Molded from lightweight, high-density polyethylene. • Fully cushioned brow pad absorbs moisture. • 6-point suspension. • Universal accessory slots accommodate many ear muffs and visors. • Color options include white, yellow, orange, red and blue. 3MTM Hard Hat *, 1921, 1922, 1923, 1925, 1926 This lightweight, economical hard hat features a short peak and trim profile. 6-point molded, polyethylene suspension. Easy- to-use slide to quickly adjust head size from 6-1/2 to 7-3/4. 3MTM Omega IITM Hard Hat * with Standard Suspension, 1901, 1902, 1903, 1905, 1906 A durable, lightweight hard hat featuring a well-balanced, low-profile design. Comfortable, impact-absorbing 6-point woven nylon suspension. Easy-to-use slide to quickly adjust head size from 6-1/2 to 7-3/4. 3MTM Omega IITM Hard Hat * with Ratchet Suspension, 1911, 1912, 1913, 1915, 1916 A durable, lightweight hard hat featuring a well-balanced, low- profile design. Ratchet suspension makes fitting easy and helps keep the hard hat secure in the most physically active jobs or extreme weather conditions. Fits head sizes 5-7/8 to 8. Comfortable, impact-absorbing 6-point woven nylon suspension. 8043 page 3 of 5 3MTM Safety Products for Eye, Head and Face Protection 3MTM Hard Hat 3MTM Omega II™ Hard Hat 3MTM Faceshield Kit 3M TM Head and Face Protection Products 3M hard hats provide limited protection only. Misuse or failure to follow warnings and instructions may result in serious personal injury or death. For proper use, see supervisor, read instructions and warnings on the package, or call 3M OH&ESD Technical Service in the USA at 1-800-243-4630. In Canada, call 1-800-267-4414. HARD HAT WARNING ! * Hard Hat part # indicates color (white, yellow, orange, red, blue) and suspension options. See page 5 for options. |