| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8043 bảng dữ liệu(PDF) 4 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
8043 bảng dữ liệu(HTML) 4 Page - 3M Electronics |
|
4 / 5 page ![]() 8043 page 4 of 5 3MTM Face Protection Products 3MTM Faceshield Kit 1631 Helps provide additional protection of the face and eyes when protective eyewear is being worn. A cam-lock helps hold the faceshield in place. Features a replaceable, polycarbonate lens for clear vision. Meets the requirements of the American National Standard Practice for Occupational and Educational Eye and Face Protection, ANSI Z87.1-1989. 3MTM Bump Caps Designed to help reduce chance of minor scrapes and bumps to the head. Recommended for situations where hard hats are not required. 3MTM Bump Cap * 1801, 1803 Easy to use adjustable 4-point suspension fits head sizes 6-1/2 to 7-3/4. Available in white or black. Fully cushioned brow pad absorbs moisture and is washable and replaceable. Recommended for situations where hard hats are not required. Perforated sides allow for air circulation and ventilation. 3MTM Safety Products for Eye, Head and Face Protection Bump caps do not provide protection against impact from falling or glancing objects. They do not protect against electrical hazards. Bump caps do not meet the requirements of ANSI Z89.1. When head protection is required, wear a protective hard hat or helmet which meets the requirements of ANSI Z89.1. Misuse or failure to follow warnings and instructions may result in serious personal injury or death. For proper use, see supervisor, read instructions and warnings on the package, or call 3M OH&ESD Technical Service in the USA at 1-800-243-4630. In Canada, call 1-800-267-4414. BUMP CAP WARNING ! 3M face protection products help provide limited eye and face protection against flying particles. Misuse or failure to follow warnings and instructions may result in serious personal injury, including blindness, or death. For proper use, see supervisor, read instructions and warnings on the package, or call 3M OH&ESD Technical Service in the USA at 1-800-243-4630. In Canada, call 1-800-267-4414. FACESHIELD WARNING ! * Bump Cap part # indicates color. See page 5 for options. |