công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD5263EBZ bảng dữ liệu(PDF) 25 Page - Analog Devices

tên linh kiện EVAL-AD5263EBZ
Giải thích chi tiết về linh kiện  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5263EBZ bảng dữ liệu(HTML) 25 Page - Analog Devices

Back Button EVAL-AD5263EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 24Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 25Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 26Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 27Page - Analog Devices EVAL-AD5263EBZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
AD5263
Rev. F | Page 25 of 28
PROGRAMMABLE 4 TO 20 MA CURRENT SOURCE
A programmable 4–20 mA current source can be implemented
with the circuit shown in Figure 63. The REF191 is a unique low
supply headroom and high current handling precision reference
that can deliver 20 mA at +2.048 V. The load current is simply
the voltage across Terminal B to Terminal W of the digital
potentiometer divided by RS:
N
S
REF
L
R
D
V
I
2
×
×
=
(7)
–2.048V TO VL
0 TO (2.048V + VL)
+5V
2
3
+5V
U1
4
U2
–5V
VL
RS
102Ω
RL
100Ω
REF191
GND
VIN
VOUT
SLEEP
AD5263
C1
1µF
6
A
B
W
IL
OP8510
V+
V–
Figure 63. Programmable 4–20 mA Current Source
The circuit is simple, but beware of two things. First, dual-supply
op amps are ideal because the ground potential of the REF191
can swing from −2.048 V at zero scale to VL at full scale of the
potentiometer setting. Although the circuit works with a single
supply, the programmable resolution of the system is reduced.
For applications that demand higher current capabilities, a few
changes to the circuit in Figure 63 produce an adjustable current in
the range of hundreds of mA. First, the voltage reference needs
to be replaced with a high current, low dropout regulator, such
as the ADP3333, and the op amp needs to be swapped with a
high current, dual-supply model, such as the AD5263. Depending
on the desired range of current, an appropriate value for RS
must be calculated. Because of the high current flowing to the
load, the user must pay attention to the load impedance so as
not to drive the op amp past the positive rail.
PROGRAMMABLE BIDIRECTIONAL CURRENT
SOURCE
For applications that require bidirectional current control or
higher voltage compliance, a Howland current pump can be a
solution (see Figure 64). If the resistors are matched, the load
current is
W
L
V
R2B
R1
R2B
R2A
I
×
+
=
)
(
(8)
AD5263
+5V
R1
150kΩ
R2A
14.95kΩ
|L
R2B
50Ω
R2
15kΩ
C1
10pF
C2
10pF
R1
150kΩ
VL
RL
500Ω
A2
+15V
+15V
A
W
V+
OP2177
OP2177
V–
V+
V–
A1
–5V
–15V
–15V
Figure 64. Programmable Bidirectional Current Source
R2B, in theory, can be made as small as needed to achieve the
current needed within the A2 output current driving capability.
In this circuit, OP2177 can deliver ±5 mA in either direction,
and the voltage compliance approaches +15 V. It can be shown
that the output impedance is
)
(
)
(
2
R2B
R2A
1
R
2
R
R1
R2A
R1
B
R
1
R
Zo
+
′
−
′
×
+
×
′
=
(9)
This output impedance can be infinite if resistors R1′ and R2′
match precisely with R1 and R2A + R2B, respectively. On the
other hand, it can be negative if the resistors are not matched.
As a result, C1 in the range of 1 pF to 10 pF is needed to prevent
oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com