| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPRUG09 bảng dữ liệu(PDF) 79 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SPRUG09 bảng dữ liệu(HTML) 79 Page - Texas Instruments |
|
79 / 214 page ![]() TMS320C6474 www.ti.com SPRS552H – OCTOBER 2008 – REVISED APRIL 2011 7.4 Peripheral IDs (PIDs) The peripheral ID is a unique ID for each peripheral module. It represents the module version details. Table 7-3 shows the PIDs for each peripheral module. Table 7-3. C6474 Modules Peripheral IDs PID MEMORY MAPPED SR NO. MODULE ADDRESS PG1.2 PG1.3 PG2.0 1 EDMA TC0 0x02A20000 0x40003300 0x40003300 0x40003300 2 EDMA TC1 0x02A28000 0x40003300 0x40003300 0x40003300 3 EDMA TC2 0x02A30000 0x40003300 0x40003300 0x40003300 4 EDMA TC3 0x02A38000 0x40003300 0x40003300 0x40003300 5 EDMA TC4 0x02A40000 0x40003300 0x40003300 0x40003300 6 EDMA TC5 0x02A48000 0x40003300 0x40003300 0x40003300 7 EDMA CC 0x02A00000 0x40015300 0x40015340 0x40015340 8 DDR2 0x70000000 0x0031031b 0x0031031b 0x0031031b 9 McBSP0 0x028C0058 0x00020103 0x00020103 0x00020103 10 McBSP1 0x028D0058 0x00020103 0x00020103 0x00020103 11 I2C PID1 0x02B04034 0x00000106 0x00000106 0x00000106 12 I2C PID2 0x02B04038 0x00000005 0x00000005 0x00000005 13 Timer64_0 0x02910000 0x00010701 0x00010701 0x00010701 14 Timer64_1 0x02920000 0x00010701 0x00010701 0x00010701 15 Timer64_2 0x02930000 0x00010701 0x00010701 0x00010701 16 Timer64_3 0x02940000 0x00010701 0x00010701 0x00010701 17 Timer64_4 0x02950000 0x00010701 0x00010701 0x00010701 18 Timer64_5 0x02960000 0x00010701 0x00010701 0x00010701 19 PLL CTRL 0x029A0000 0x0001080d 0x0001080d 0x0001080d 20 PSC 0x02AC0000 0x44821105 0x44821105 0x44821105 21 GPIO 0x02B00000 0x44830105 0x44830105 0x44830105 22 SRIO 0x02D00000 0x44A43102 0x44A43102 0x44A43102 23 AIF 0x02BC0000 0x4800200C 0x4800200C 0x4800200C 24 FSYNC 0x02800000 0x48010900 0x48010900 0x48010900 25 - Not used Not used Not used Not used 26 TCP3 0x02BA0000 0x00021105 0x00021105 0x00021105 27 EMAC TX 0x02C80000 0x000C0A0B 0x000C0A0B 0x000C0A0B 28 EMAC RX 0x02C80010 0x000C0A0B 0x000C0A0B 0x000C0A0B 29 MDIO 0X02C81800 0x00070104 0x00070104 0x00070104 30 SGMII 0x02C40000 0x002c0100 0x002C0100 0x002C0100 31 EMAC Control Module 0x02C81000 0x002d0102 0x002d0102 0x002d0102 32 SEM 0x02B40000 0x48020100 0x48020100 0x48020100 33 VCP 0x02B80000 0x00011107 0x00011107 0x00011107 Copyright © 2008–2011, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 79 Submit Documentation Feedback Product Folder Link(s) :TMS320C6474 |