công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OR3TP12 bảng dữ liệu(PDF) 59 Page - Agere Systems

tên linh kiện OR3TP12
Giải thích chi tiết về linh kiện  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGERE [Agere Systems]
Trang chủ  
Logo AGERE - Agere Systems

OR3TP12 bảng dữ liệu(HTML) 59 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 55Page - Agere Systems OR3TP12 Datasheet HTML 56Page - Agere Systems OR3TP12 Datasheet HTML 57Page - Agere Systems OR3TP12 Datasheet HTML 58Page - Agere Systems OR3TP12 Datasheet HTML 59Page - Agere Systems OR3TP12 Datasheet HTML 60Page - Agere Systems OR3TP12 Datasheet HTML 61Page - Agere Systems OR3TP12 Datasheet HTML 62Page - Agere Systems OR3TP12 Datasheet HTML 63Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 128 page
background image
Lucent Technologies Inc.
59
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Target Controller Detailed Description (continued)
Target Write Memory, Single-Word Transaction
Figure 17 shows the timing on the PCI bus, for a Target memory write of a single word. The timing on the PCI inter-
face (Figure 17) is similar to that of a posted I/O write (Figure 16) except that, since bursts to memory space are
allowed, the signal stopn is not asserted.
5-7373(F)
Figure 17. Target Memory Single Write (PCI Bus, 32-Bit)
Single Target Write FIFO Interface
The FIFO interface timing is as shown in Figure 18 and Figure 19 for dual- and quad-port respectively. The inter-
face timing is similar for all Target I/O writes and Target single memory writes, since the Target FIFO interface is
uniform across all Target accesses.
The timing on the interface (Figure 18 for dual-port) shows the first indication to the FPGA application that a new
operation is pending by the assertion of Target request (treqn). When treqn is valid, the FPGA application begins
the command/address phase by asserting Target address enable (taenn) and accepting the command from bus
tcmd and address from bus datatofpga(x) (with fifo_sel = 1). If applicable, the dual-address indication bit accom-
panies the address on datatofpga[0], whereas for the single access on a 32-bit PCI bus (pci_64bit = 0) the burst
indication bit (datatofpga[1]) will be desasserted. The FPGA application continues to receive new address data
(taenn asserted) on every clock until twlastcycn is asserted, indicating the end of the command/address phase.
See command/address section for notes regarding address transfer and alignment.
The write data phase will follow, by deassertion of taenn, and assertion of Target write data enable (twdataenn).
twdataenn can only be asserted while tw_emptyn is deasserted, indicating that write data is available in the write
data FIFOs. While twdataenn is asserted, the FPGA application will receive Target write data on bus datatofpga
(with fifo_sel = 1). The FPGA application is informed that the last component of the data phase is being presented
when twlastcycn is asserted. Since this is a single access on a 32-bit data bus (assuming datatofpgax[1] = 0 dur-
ing command/address phase, pci_64bit = 0), the first and only data phase is the last data of the write data phase.
T0
T1
T2
T3
T4
T5
ADDRESS
DATA
MEM WR
BYTE ENABLES
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com