công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OR3TP12 bảng dữ liệu(PDF) 3 Page - Agere Systems

tên linh kiện OR3TP12
Giải thích chi tiết về linh kiện  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGERE [Agere Systems]
Trang chủ  
Logo AGERE - Agere Systems

OR3TP12 bảng dữ liệu(HTML) 3 Page - Agere Systems

  OR3TP12 Datasheet HTML 1Page - Agere Systems OR3TP12 Datasheet HTML 2Page - Agere Systems OR3TP12 Datasheet HTML 3Page - Agere Systems OR3TP12 Datasheet HTML 4Page - Agere Systems OR3TP12 Datasheet HTML 5Page - Agere Systems OR3TP12 Datasheet HTML 6Page - Agere Systems OR3TP12 Datasheet HTML 7Page - Agere Systems OR3TP12 Datasheet HTML 8Page - Agere Systems OR3TP12 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 128 page
background image
Lucent Technologies Inc.
3
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
List of Figures
Figures
Page
Figures
Page
Figure 1. OR3TP12 Array....................................... 11
Figure 2.
ORCA OR3TP12 PCI FPSC
Block Diagram ..................................................... 12
Figure 3. Master Write Single
(FIFO Interface, Dual-Port) .................................. 39
Figure 4. Master Write Single
(FIFO Interface, Quad-Port)................................. 40
Figure 5. Master Write Single
(PCI Bus, 32-Bit).................................................. 40
Figure 6. Master Write Burst
(FIFO Interface, Dual-Port) .................................. 41
Figure 7. Master Write Burst
(FIFO Interface, Quad-Port)................................. 42
Figure 8. Master Write Burst
(PCI Bus, 32-Bit).................................................. 42
Figure 9. Master Read Single
(FIFO Interface, Dual-Port) .................................. 46
Figure 10. Master Read Single
(FIFO Interface, Quad-Port)................................. 47
Figure 11. Master Read Single
(PCI Bus, 32-Bit).................................................. 47
Figure 12. Master Read Burst
(FIFO Interface, Dual-Port) .................................. 49
Figure 13. Master Read Burst
(FIFO Interface, Quad-Port)................................. 50
Figure 14. Master Read Burst
(PCI Bus, 32-Bit).................................................. 51
Figure 15. Target Configuration Write
(PCI Bus, 32-Bit).................................................. 57
Figure 16. Target I/O Write, Nondelayed
(PCI Bus, 32-Bit).................................................. 58
Figure 17. Target Memory Single Write
(PCI Bus, 32-Bit).................................................. 59
Figure 18. Target Write Single
(FIFO Interface, Dual-Port) .................................. 60
Figure 19. Target Write Single
(FIFO Interface, Quad-Port)................................. 61
Figure 20. Target Memory Write Burst
(PCI Bus, 32-Bit).................................................. 62
Figure 21. Target Write Burst
(FIFO Interface, Dual-Port) .................................. 63
Figure 22. Target Write Burst
(FIFO Interface, Quad-Port) ...................................64
Figure 23. Target Configuration Read
(PCI Bus, 32-Bit) ....................................................68
Figure 24. Target I/O Read, Delayed
(PCI Bus, 32-Bit) ....................................................69
Figure 25. Target I/O Read, Nondelayed
(PCI Bus, 32-Bit) ....................................................70
Figure 26. Target Single Memory Read,
Delayed (PCI Bus, 32-Bit) ......................................71
Figure 27. Target Read Single
(FIFO Interface, Dual-Port) ....................................72
Figure 28. Target Read Single
(FIFO Interface, Quad-Port) ...................................73
Figure 29. Target Memory Read Single,
Nondelayed Transaction (PCI Bus, 32-Bit).............74
Figure 30. Target Burst Memory Read,
Delayed (PCI Bus, 32-Bit) ......................................75
Figure 31. Target Read Burst
(FIFO Interface, Dual-Port) ....................................76
Figure 32. Target Read Burst
(FIFO Interface, Quad-Port) ...................................77
Figure 33. Target Memory Burst Read,
Nondelayed (PCI Bus, 32-Bit) ................................78
Figure 34. FPSC Block Diagram and
Clock Network........................................................81
Figure 35. Serial Configuration Data Format—
Autoincrement Mode ..............................................89
Figure 36. Serial Configuration Data Format—
Explicit Mode .........................................................89
Figure 37. ac Test Loads ..........................................99
Figure 38. Output Buffer Delays ...............................99
Figure 39. Input Buffer Delays ..................................99
Figure 40. Sinklim (TJ = 25 °C, VDD = 3.3 V).......... 100
Figure 41. Slewlim (TJ = 25 °C, VDD = 3.3 V) ......... 100
Figure 42. Fast (TJ = 25 °C, VDD = 3.3 V) .............. 100
Figure 43. Sinklim (TJ = 125 °C, VDD = 3.0 V)........100
Figure 44. Slewlim (TJ = 125 °C, VDD = 3.0 V) ....... 100
Figure 45. Fast (TJ = 125 °C, VDD = 3.0 V) ............ 100
Figure 46. Package Parasitics ................................ 121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More