công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATTL7554AP bảng dữ liệu(PDF) 21 Page - Agere Systems

tên linh kiện ATTL7554AP
Giải thích chi tiết về linh kiện  L7554 Low-Power SLIC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGERE [Agere Systems]
Trang chủ  
Logo AGERE - Agere Systems

ATTL7554AP bảng dữ liệu(HTML) 21 Page - Agere Systems

Back Button ATTL7554AP Datasheet HTML 17Page - Agere Systems ATTL7554AP Datasheet HTML 18Page - Agere Systems ATTL7554AP Datasheet HTML 19Page - Agere Systems ATTL7554AP Datasheet HTML 20Page - Agere Systems ATTL7554AP Datasheet HTML 21Page - Agere Systems ATTL7554AP Datasheet HTML 22Page - Agere Systems ATTL7554AP Datasheet HTML 23Page - Agere Systems ATTL7554AP Datasheet HTML 24Page - Agere Systems ATTL7554AP Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Lucent Technologies Inc.
21
Data Sheet
March 1997
L7554 Low-Power SLIC
Applications (continued)
dc Applications (continued)
12-2563 (C)
Figure 26. SLIC 2-Wire Output Stage
In addition to the required peak signal level, the SLIC
needs about 2 V from each power supply to bias the
amplifier circuitry. It can be thought of as an internal
saturation voltage. Combining the saturation voltage
and the peak signal level, the required overhead can be
expressed as:
where VSAT is the combined internal saturation voltage
between the Tip/Ring amplifiers and VSAT (4.0 V typ.).
RP (
Ω) is the protection resistor value, and 40 Ω is the
output series resistance of each internal amplifier.
ZT/R (
Ω) is the ac loop impedance.
Example 1, On-hook Transmission of a Meter Pulse:
Signal level: 2.2 Vrms into 200
Ω
35
Ω protection resistors
ILOOP = 0 (on-hook transmission of the metering
signal)
Accounting for VSAT tolerance of 0.5 V, a nominal
overhead of 9.9 V would ensure transmission of an
undistorted 2.2 V metering signal.
Adjusting Overhead Voltage
To adjust the open loop 2-wire voltage, pin DCR is
programmed at the midpoint of a resistive divider from
ground to either –5 V or VBAT. In the case of –5 V, the
overhead voltage will be independent of the battery
voltage. Figure 27 shows the equivalent input circuit to
adjust the overhead.
12-2562 (C)
Figure 27. Equivalent Circuit for Adjusting the
Overhead Voltage
The overhead voltage is programmed by using the fol-
lowing equation:
VOH = 6.5 – 4 VDCR
–
VT/R
[ZT/R]VAMP
+
–
ROC/2
RP
RP
+
ROC/2
VOH
VSAT
1
2RP
40
Ω
+
()
ZTR
⁄
------------------------------
+

v
TR
⁄
+
=
Λ
VSAT
1
2RP
40
Ω
+
()
ZTR
⁄
------------------------------
+

 2ZTR
⁄
1000
---------------- 10dBm 20
⁄
×
+
=
VOH
4.0
1
235
40
+
()
200
----------------------------
+

 2 2.2
()
+
=
9.4 V
=
DCR
25 k
Ω ± 30%
R1
R2
–5 V
6.5
4
5
R1
25 k
Ω
||
R2
R1
25 k
Ω
||
+
--------------------------------------


×
–


–
=
6.5
20
R1
25 k
Ω
||
R2
R1
25 k
Ω
||
+
--------------------------------------


+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com