| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CT2579 bảng dữ liệu(PDF) 18 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
CT2579 bảng dữ liệu(HTML) 18 Page - Aeroflex Circuit Technology |
|
18 / 41 page ![]() 18 APPLICATION NOTE #108 Released 9/98 DATA(J) = XXXX ;LOAD IN DATA FOR TRANSMIT NEXT J GOTO TRANSMIT END IF GOTO END REM *********************************************************************************************** REM *** ROUTINE TO LOAD DATA INTO RAM FROM PROCESSOR ************************* REM *********************************************************************************************** TRANSMIT: FOR I = 1 TO WORDCNT OUTPUT DATA(I), MEMPOINT ; WRITES DATA() INTO LOCATION ; MEMPOINT MEMPOINT = MEMPOINT - 1 NEXT I GOTO END REM ****************************************************************************************************** REM *** ROUTINE TO READ DATA FROM RAM TO PROCESSOR ******************************** REM ****************************************************************************************************** RECEIVE: FOR I = 1 TO WORDCNT DATA(I) = INPUT(MEMPOINT) ; READS LOCATION MEMPOINT INTO ; DATA() ARRAY MEMPOINT = MEMPOINT - 1 NEXT I GOTO END REM ****************************************************************************************************** REM *** ROUTINE TO SCAN FOR MORE MESSAGES **************************************** REM ****************************************************************************************************** END: IF NCMDEMPTY = 1 THEN GOTO DETECT ELSE RETURN ; GO OFF AND DO SOMETHING ELSE ; UNTIL ANOTHER 1553 MESSAGE IS RECEIVED END IF |