công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CT2555 bảng dữ liệu(PDF) 9 Page - Aeroflex Circuit Technology

tên linh kiện CT2555
Giải thích chi tiết về linh kiện  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AEROFLEX [Aeroflex Circuit Technology]
Trang chủ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2555 bảng dữ liệu(HTML) 9 Page - Aeroflex Circuit Technology

Back Button CT2555 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Aeroflex Circuit Technology
9
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
E
B
A
E
B
A
DECODER
ADDRESS
EXTEN
EXTLD
WRITE
READ
A00
A00
A01
A01
EXTLD
CPU
DATA BUS
D15 - D00
IOENBL
CT2553
RT ADDR
RTADP
REGISTER
1
5
16
6
OE
Figure 9 – Use of External Registers
Figure 10 – Example Configuration Using External Registers
Note:
A02 of the CT2553 must be set to logic 1 to operate with external registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36