công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DCMM37SWNMBK52 bảng dữ liệu(PDF) 42 Page - ITT Industries

tên linh kiện DCMM37SWNMBK52
Giải thích chi tiết về linh kiện  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DCMM37SWNMBK52 bảng dữ liệu(HTML) 42 Page - ITT Industries

Back Button DCMM37SWNMBK52 Datasheet HTML 38Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 39Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 40Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 41Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 42Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 43Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 44Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 45Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 46Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
C
C-42
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Environmental D
D*D
Shell Dimensions, Standard Mount
.061 +_ .005
(1.55 +_ 0.13)
.061 +_ .005
(1.55 +_ 0.13)
E
MAX.
P
E
MAX.
.874
(22.20)
MAX.
.058 +_ .005
(1.47 +_ .013)
.677 (17.20) MAX.
CONTACT EXTENSION
.299 (7.59)
MAX.
CONACT
EXTENSION
.677
(17.20)
.089 +_ .005
(2.26 +_ 0.13)
P
.904
(22.96)
MAX.
.425 +_ .005
(10.80 +_ 0.13)
A MAX.
.120 +_ .005 DIA.
(3.05 +_ 0.13)
2 MTG. HOLES
.120 +_ .005 DIA.
(3.05 +_ 0.13)
2 MTG. HOLES
K +_ .005
( +_ .013)
K +_ .005
( +_ .013)
.109 (2.77) FL. TYP.
.109 (2.77)
R. TYP
M
M
10˚ TYP.
10˚ TYP.
N
N
L
L
A MAX.
Float Mount Dimensions
Receptacle
.061 +_ .005
(1.55 +_ 0.13)
.061 +_ .005
(1.55 +_ 0.13)
.032 (0.81)
TOTAL
DIA. FLOAT
.032 (0.81)
TOTAL
DIA. FLOAT
.031 +_ .005
(0.79 +_ 0.13)
.031 +_ .005
(0.79 +_ 0.13)
E
MAX.
.874
(22.20)
MAX.
.058 +_ .005
(1.47 +_ .013)
.677 (17.20) MAX.
CONTACT
EXTENSION
E
MAX.
.299 (7.59) MAX.
CONACT
EXTENSION
.677
(17.20)
.089 +_ .005
(2.26 +_ 0.13)
P
P
.904
(22.96)
MAX.
.425 +_ .005
(10.80 +_ 0.13)
A MAX.
A
MAX.
.120 +_ .005 DIA.
(3.05 +_ 0.13)
2 MTG. HOLES
.120 +_ .005 DIA.
(3.05 +_ 0.13)
2 MTG. HOLES
K +_ .005
( +_ .013)
.109 (2.77) R. TYP.
K +_ .005
( +_ .013)
.109 (2.77)
R. TYP
M
M
10˚ TYP.
10˚ TYP.
N
N
L
L
Plug
NOTE: All D*D Environmental plugs and receptacles are provided with dust caps and removable potting caps.
Shell Size
DED-9P, 15P
DED-9S, 15S
DAD-15P, 26P
DAD-15S, 26S
DBD-25P, 44P
DBD-25S, 44S
DCD-37P, 62P
DCD-37S, 62S
DDD-50P, 78P
DDD-50S, 78S
A
Max.
1.915 (23.24)
1.915 (23.24)
1.233 (31.32)
1.233 (31.32)
1.786 (45.36)
1.786 (45.36)
2.458 (62.43)
2.458 (62.43)
2.390 (60.71)
2.390 (60.71)
E
Max.
.596 (15.14)
.596 (15.14)
.596 (15.14)
.596 (15.14)
.596 (15.14)
.596 (15.14)
.567 (14.40)
.567 (14.40)
.680 (17.12)
.680 (17.12)
K
±.005 (0.13)
1.125 (28.58)
1.125 (28.58)
1.437 (36.50)
1.437 (36.50)
1.993 (50.62)
1.993 (50.62)
2.625 (66.68)
2.625 (66.68)
2.531 (64.29)
2.531 (64.29)
L
±.010 (0.25)
1.442 (36.63)
1.442 (36.63)
1.755 (44.58)
1.755 (44.58)
2.295 (58.29)
2.295 (58.29)
2.937 (74.60)
2.937 (74.60)
2.859 (72.62)
2.859 (72.62)
M
±.010 (0.25)
.614 (15.60)
.614 (15.60)
.614 (15.60)
.614 (15.60)
.614 (15.60)
.614 (15.60)
.614 (15.60)
.614 (15.60)
.735 (18.67)
.735 (18.67)
N
±.010 (0.25)
1.825 (20.86)
1.825 (20.86)
1.143 (29.03)
1.143 (29.03)
1.683 (42.75)
1.683 (42.75)
2.343 (59.51)
2.343 (59.51)
2.251 (57.18)
2.251 (57.18)
P
±.010 (0.25)
.483 (12.27)
.483 (12.27)
.483 (12.27)
.483 (12.27)
.483 (12.27)
.483 (12.27)
.483 (12.27)
.483 (12.27)
.596 (15.14)
.596 (15.14)
All tolerances are ±.010 (0.25) unless noted otherwise.
Plug
Receptacle
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62