công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DCMM37SWNMBK52 bảng dữ liệu(PDF) 38 Page - ITT Industries

tên linh kiện DCMM37SWNMBK52
Giải thích chi tiết về linh kiện  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DCMM37SWNMBK52 bảng dữ liệu(HTML) 38 Page - ITT Industries

Back Button DCMM37SWNMBK52 Datasheet HTML 34Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 35Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 36Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 37Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 38Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 39Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 40Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 41Page - ITT Industries DCMM37SWNMBK52 Datasheet HTML 42Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
Grommet D
GD*
Standard Shell Dimensions
C-38
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
+
+
+
+
10˚TYP.
B•
M
K
L
J
X MAX.
.031 (0.79)
+
_ .005 (0.13)
.049 (1.24)
MAX.
.089 (2.26) +
_ .003 (0.08)
DIA.
RIVET
.130 (3.30) MAX.
.031 (0.79) TOTAL
DIAMETRICAL FLOAT
WASHER
OVERALL FREE
FLOAT .004 - .012
(0.10) - (0.30)
H
G
MAX. OVER
GROMMET
TWO HOLES
.120 +
_ .005 (3.05 +
_ 0.13) DIA.
D• E
C
A
Front
Rear
Y-Float Mount
H
Over
Shell
G
MAX. OVER
GROMMET
TWO HOLES
.089 (2.26) +
_ .003 (0.08)
Rear
B'
D'
10˚TYP.
B•
D•
E
C
A
Front
B'
D'
Shell with Float Dimensions
It is recommended that only one assembly, either pin or socket, be float mounted. For front panel mounting use reverse float mounted.
A
±.015
(0.38)
1.213 (30.81)
1.213 (30.81)
1.541 (39.14)
1.541 (39.14)
2.088 (53.03)
2.088 (53.03)
2.729 (19.32)
2.729 (19.32)
2.635 (66.92)
2.635 (66.92)
B•
±.005
(0.13)
—
.643 (16.33)
—
.971 (24.66)
—
1.511 (38.38)
2.159 (54.84)
—
2.064 (52.42)
B’
±.005
(0.13)
.666 (16.91)
—
.994 (25.24)
—
1.534 (38.96)
—
2.182 (55.42)
2.079 (52.81)
—
C
±.005
(0.12)
.984 (24.99)
.984 (24.99)
1.312 (33.32)
1.312 (33.32)
1.852 (47.04)
1.852 (47.04)
2.50 (63.50)
2.50 (63.50)
2.406 (61.11)
2.406 (61.11)
D•
±.005
(0.13)
—
.311 (7.90)
—
.311 (7.90)
—
.311 (7.90)
.311 (7.90)
—
.423 (10.74)
D’
±.005
(0.12)
.329 (8.36)
—
.329 (8.36)
—
.329 (8.36)
—
.329 (8.36)
.411 (11.20)
—
E
±.015
(0.38)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.605 (15.37)
.605 (15.37)
G
Max.
.750 (19.05)
.750 (19.05)
1.093 (27.76)
1.093 (27.76)
1.625 (41.28)
1.625 (41.28)
2.270 (57.66)
2.270 (57.66)
2.162 (54.91)
2.162 (54.91)
H
±.010
(0.25)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.534 (13.56)
.534 (13.56)
J
±.010
(0.25)
.030 (0.76)
.030 (0.76)
.030 (0.76)
.030 (0.76)
.039 (0.99)
.030 (0.76)
.039 (0.99)
.030 (0.76)
.039 (0.99)
.030 (0.76)
K
±.006
(0.13)
.235 (5.97)
.243 (6.17)
.235 (5.97)
.243 (6.17)
.230 (5.84)
.243 (6.17)
.230 (5.84)
.243 (6.17)
.230 (5.84)
.243 (6.17)
L
±.010
(0.25)
.045 (1.14)
.045 (1.14)
.045 (1.14)
.045 (1.14)
.060 (1.52)
.045 (1.14)
.060 (1.52)
.045 (1.14)
.060 (1.52)
.045 (1.14)
M
±.085
(0.13)
.422 (10.72)
.429 (10.90)
.422 (10.72)
.429 (10.90)
.426 (10.82)
.429 (10.90)
.426 (10.82)
.429 (10.90)
.426 (10.82)
.429 (10.90)
X
Max.
.718 (18.24)
.718 (18.24)
.718 (18.24)
.718 (18.24)
.718 (18.24)
.718 (18.24)
.718 (18.24)
.718 (18.24)
.718 (18.24)
.718 (18.24)
Shell Size
GDE-9P
GDE-9S
GDA-15P
GDA-15S
GDB-25P
GDB-25S
GD-37P
GD-37S
GDD-50P
GDD-50S
*dimensions B, D, and H are measured as
outside dimensions at the bottom of draw.
NOTE: B• and D• are the outside dimensions for socket side, B’ and D’ are
the inside dimensions for pin side.
High Density Layouts available.
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62