công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8420EP bảng dữ liệu(PDF) 15 Page - Analog Devices

tên linh kiện DAC8420EP
Giải thích chi tiết về linh kiện  Quad 12-Bit Serial Voltage Output DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

DAC8420EP bảng dữ liệu(HTML) 15 Page - Analog Devices

Back Button DAC8420EP Datasheet HTML 8Page - Analog Devices DAC8420EP Datasheet HTML 9Page - Analog Devices DAC8420EP Datasheet HTML 10Page - Analog Devices DAC8420EP Datasheet HTML 11Page - Analog Devices DAC8420EP Datasheet HTML 12Page - Analog Devices DAC8420EP Datasheet HTML 13Page - Analog Devices DAC8420EP Datasheet HTML 14Page - Analog Devices DAC8420EP Datasheet HTML 15Page - Analog Devices DAC8420EP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
DAC8420
REV. 0
–15–
DAC8420 to M68HC11 Interface Assembly Program
* M68HC11 Register Definitions
PORTC EQU $1003 Port C control register
*
“0,0,0,0;0,CLSEL,CLR,CS”
DDRC EQU $1007 Port C data direction
PORTD EQU $1008 Port D data register
*
“0,0,LD,SCLK;SDI,0,0,0”
DDRD EQU $1009 Port D data direction
SPCR EQU $1028 SPI control register
*
“SPIE,SPE,DWOM,MSTR;CPOL,CPHA,SPR1,SPR0”
SPSR EQU $1029 SPI status register
*
“SPIF,WCOL,0,MODF;0,0,0,0”
SPDR EQU $102A SPI data register; Read-Buffer; Write-Shifter
*
* SDI RAM variables: SDI1 is encoded from 0 (Hex) to CF (Hex)
* To select: DAC A – Set SDI1 to $0X
DAC B – Set SDI1 to $4X
DAC C – Set SDI1 to $8X
DAC D – Set SDI1 to $CX
SDI2 is encoded from 00 (Hex) to FF (Hex)
*
DAC requires two 8-bit loads – Address + 12 bits
SDI1 EQU $00 SDI packed byte 1 “A1,A0,0,0;MSB,DB10,DB9,DB8”
SDI2 EQU $01 SDI packed byte 2
“DB7,DB6,DB5,DB4;DB3,DB2,DB1,DB0”
* Main Program
ORG $C000 Start of user’s RAM in EVB
INIT LDS #$CFFF Top of C page RAM
* Initialize Port C Outputs
LDAA #$07 0,0,0,0;0,1,1,1
*
CLSEL-Hi, CLR-Hi, CS-Hi
*
To reset DAC to ZERO-SCALE, set CLSEL-Lo ($03)
*
To reset DAC to MID-SCALE, set CLSEL-Hi ($07)
STAA PORTC Initialize Port C Outputs
LDAA #$07 0,0,0,0;0,1,1,1
STAA DDRC CLSEL, CLR, and CS are now enabled as outputs
* Initialize Port D Outputs
LDAA #$30 0,0,1,1;0,0,0,0
*
LD
-Hi,SCLK-Hi,SDI-Lo
STAA PORTD Initialize Port D Outputs
LDAA #$38 0,0,1,1;1,0,0,0
STAA DDRD LD,SCLK, and SDI are now enabled as outputs
* Initialize SPI Interface
LDAA #$5F
STAA SPCR SPI is Master,CPHA=1,CPOL=1,Clk rate=E/32
* Call update subroutine
BSR UPDATE Xfer 2 8-bit words to DAC-8420
JMP $E000 Restart BUFFALO
* Subroutine UPDATE
UPDATE PSHX
Save registers X, Y, and A
PSHY
PSHA
* Enter Contents of SDI1 Data Register (DAC# and 4 MSBs)
LDAA #$80 1,0,0,0;0,0,0,0
STAA SDI1 SDI1 is set to 80 (Hex)
* Enter Contents of SDI2 Data Register
LDAA #$00 0,0,0,0;0,0,0,0
STAA SDI2 SDI2 is set to 00 (Hex)
LDX #SDI1 Stack pointer at 1st byte to send via SDI
LDY #$1000 Stack pointer at on-chip registers
* Clear DAC output to zero
BCLR PORTC,Y $02 Assert CLR
BSET PORTC,Y $02 Deassert CLR
* Get DAC ready for data input
BCLR PORTC,Y $01 Assert CS
TFRLP LDAA 0,X Get a byte to transfer via SPI
STAA SPDR Write SDI data reg to start xfer
WAIT LDAA SPSR Loop to wait for SPIF
BPL WAIT SPIF is the MSB of SPSR
*
(when SPIF is set, SPSR is negated)
INX
Increment counter to next byte for xfer
CPX #SDI2+ 1 Are we done yet ?
BNE TFRLP If not, xfer the second byte
* Update DAC output with contents of DAC register
BCLR PORTD,Y 520 Assert LD
BSET PORTD,Y $20 Latch DAC register
BSET PORTC,Y $01 De-assert CS
PULA When done, restore registers X, Y & A
PULY
PULX
RTS
** Return to Main Program **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16