công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT8057 bảng dữ liệu(PDF) 3 Page - Richtek Technology Corporation

tên linh kiện RT8057
Giải thích chi tiết về linh kiện  2.25MHz 1A Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8057 bảng dữ liệu(HTML) 3 Page - Richtek Technology Corporation

  RT8057 Datasheet HTML 1Page - Richtek Technology Corporation RT8057 Datasheet HTML 2Page - Richtek Technology Corporation RT8057 Datasheet HTML 3Page - Richtek Technology Corporation RT8057 Datasheet HTML 4Page - Richtek Technology Corporation RT8057 Datasheet HTML 5Page - Richtek Technology Corporation RT8057 Datasheet HTML 6Page - Richtek Technology Corporation RT8057 Datasheet HTML 7Page - Richtek Technology Corporation RT8057 Datasheet HTML 8Page - Richtek Technology Corporation RT8057 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT8057
3
DS8057-03
November 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------------ 6.5V
Power Dissipation, PD @ TA = 25
°C
WDFN-6SL 2x2 ------------------------------------------------------------------------------------------------------------ 0.606W
Package Thermal Resistance (Note 2)
WDFN-6SL 2x2,
θJA ------------------------------------------------------------------------------------------------------- 165°C/W
WDFN-6SL 2x2,
θJC ------------------------------------------------------------------------------------------------------ 8.2°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM -------------------------------------------------------------------------------------------------------------------------- 2kV
MM ---------------------------------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------------ 2.7V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Current
IOUT
VIN = 2.7V to 5.5V
--
--
1
A
Quiescent Current
IQ
IOUT = 0mA
--
81
--
μA
−2
--
2
Reference Voltage
VREF
Note 5
−2.5
--
2.5
%
VIN Rising
2
2.2
2.4
V
Under Voltage Lockout Threshold VUVLO
Hysteresis
--
0.2
--
V
Shutdown Current
ISHDN
--
0.1
1
μA
Switching Frequency
--
2.25
--
MHz
Logic-High
VIH
1
--
VIN
V
EN Threshold
Voltage
Logic-Low
VIL
--
--
0.4
V
Thermal Shutdown Temperature
TSD
--
150
--
°C
High Side
RDS(ON)_H ISW = 0.2A
--
250
--
m
Ω
Switch On
Resistance
Low Side
RDS(ON)_L ISW = 0.2A
--
200
--
m
Ω
Peak Current Limit
ILIM
1.1
1.5
2
A
Output Voltage Line Regulation
VIN = 2.7V to 5.5V
--
--
1
%/V
Output Voltage Load Regulation
0mA < IOUT < 0.6A
--
--
1
%
Start-Up Time
tss
Guaranteed by Design
200
300
400
μs
(VIN = 3.6V, TA = 25
°C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com