công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT8057 bảng dữ liệu(PDF) 10 Page - Richtek Technology Corporation

tên linh kiện RT8057
Giải thích chi tiết về linh kiện  2.25MHz 1A Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8057 bảng dữ liệu(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8057 Datasheet HTML 3Page - Richtek Technology Corporation RT8057 Datasheet HTML 4Page - Richtek Technology Corporation RT8057 Datasheet HTML 5Page - Richtek Technology Corporation RT8057 Datasheet HTML 6Page - Richtek Technology Corporation RT8057 Datasheet HTML 7Page - Richtek Technology Corporation RT8057 Datasheet HTML 8Page - Richtek Technology Corporation RT8057 Datasheet HTML 9Page - Richtek Technology Corporation RT8057 Datasheet HTML 10Page - Richtek Technology Corporation RT8057 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RT8057
10
DS8057-03
November 2011
www.richtek.com
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJA is the junction to ambient
thermal resistance.
For recommended operating condition specifications of
the RT8057, the maximum junction temperature is 125
°C
and TA is the ambient temperature. The junction to ambient
thermal resistance,
θJA, is layout dependent. For
WDFN-6SL 2x2 packages, the thermal resistance,
θJA, is
165
°C/W on a standard JEDEC 51-3 single-layer thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (165°C/W) = 0.606W for
WDFN-6SL 2x2 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. For the RT8057 package, the derating
curve in Figure 2 allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation.
Figure 2. Derating Curve for the RT8057 Package
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of the RT8057.
}
Connect the terminal of the input capacitor(s), CIN, as
close as possible to the VIN pin. This capacitor provides
the AC current into the internal power MOSFETs.
}
LX node experiences high frequency voltage swing and
should be kept within a small area. Keep all sensitive
small-signal nodes away from the LX node to prevent
stray capacitive noise pick up.
}
Flood all unused areas on all layers with copper. Flooding
with copper will reduce the temperature rise of power
components. Connect the copper areas to any DC net
(VIN, VOUT, GND, or any other DC rail in the system).
}
Connect the FB pin directly to the feedback resistors.
The resistive voltage divider must be connected between
VOUT and GND.
Figure 3. PCB Layout Guide
LX
NC
GND
VIN
EN
FB
5
4
1
2
3
6
7
VOUT
L1
VOUT
C1
R1
R2
COUT
CIN
Input capacitor must
be placed as close to
the IC as possible.
LX should be connected to inductor by
wide and short trace. Keep sensitive
components away from this trace.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0
25
50
75
100
125
Ambient Temperature (
°C)
Single-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com