công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT8016-10PQW bảng dữ liệu(PDF) 3 Page - Richtek Technology Corporation

tên linh kiện RT8016-10PQW
Giải thích chi tiết về linh kiện  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8016-10PQW bảng dữ liệu(HTML) 3 Page - Richtek Technology Corporation

  RT8016-10PQW Datasheet HTML 1Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 2Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 3Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 4Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 5Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 6Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 7Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 8Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT8016
3
DS8016-04 February 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
2
EN
Chip Enable (Active High).
3
VIN
Power Input.
4
LX
Pin for Switching.
1, 5
GND
Ground Pin.
6
FB/VOUT
Feedback/Output Voltage Pin.
7 (Exposed Pad)
NC
No Internal Connection. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
COMP
RC
RS1
RS2
EN
VIN
LX
FB/VOUT
UVLO &
Power Good
Detector
VREF
Slope
Compensation
Current
Sense
OSC &
Shutdown
Control
Current
Limit
Detector
Driver
Control
Logic
PWM
Comparator
Error
Amplifier
GND
Current
Source
Controller
Mux
Current
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com