công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT8016-10PQW bảng dữ liệu(PDF) 5 Page - Richtek Technology Corporation

tên linh kiện RT8016-10PQW
Giải thích chi tiết về linh kiện  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8016-10PQW bảng dữ liệu(HTML) 5 Page - Richtek Technology Corporation

  RT8016-10PQW Datasheet HTML 1Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 2Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 3Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 4Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 5Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 6Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 7Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 8Page - Richtek Technology Corporation RT8016-10PQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT8016
5
DS8016-04 February 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
EN Low-Level Input Voltage
VEN_L
--
--
0.4
V
Under Voltage Lock Out threshold UVLO
--
1.8
--
V
Hysteresis
--
0.1
--
V
Oscillator Frequency
fOSC
VIN = 3.6V, IOUT = 100mA
1.2
1.5
1.8
MHz
Thermal Shutdown Temperature
TSD
--
160
--
°C
Max. Duty Cycle
100
--
--
%
LX Current Source
VIN = 3.6V, VLX = 0V or VLX = 3.6V
1
--
100
μA
Minimum On-Time
tON
--
120
140
ns
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a single-layer and four-layer test board of JEDEC 51. The measurement case position
of
θJC is on the lead of the package.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
ΔV = IOUT x PRDS(ON)
Note 6.
Guarantee by design.
Note 7.
The start up time is about 300
μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com