công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-2191 bảng dữ liệu(PDF) 48 Page - Analog Devices

tên linh kiện ADSP-2191
Giải thích chi tiết về linh kiện  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191 bảng dữ liệu(HTML) 48 Page - Analog Devices

Back Button ADSP-2191 Datasheet HTML 44Page - Analog Devices ADSP-2191 Datasheet HTML 45Page - Analog Devices ADSP-2191 Datasheet HTML 46Page - Analog Devices ADSP-2191 Datasheet HTML 47Page - Analog Devices ADSP-2191 Datasheet HTML 48Page - Analog Devices ADSP-2191 Datasheet HTML 49Page - Analog Devices ADSP-2191 Datasheet HTML 50Page - Analog Devices ADSP-2191 Datasheet HTML 51Page - Analog Devices ADSP-2191 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
ADSP-2191M
–48–
REV. 0
OUTLINE DIMENSIONS
144-LEAD METRIC THIN PLASTIC QUAD FLATPACK (LQFP) (ST-144)
144-BALL MINI-BGA (CA-144A)
SEATING
PLANE
1.60 MAX
0.15
0.05
0.08 MAX LEAD
COPLANARITY
0.75
0.60
0.45
1.45
1.40
1.35
1
36
37
73
72
108
144
109
TOP VIEW (PINS DOWN)
22.00 BSC SQ
20.00 BSC SQ
0.50 BSC
LEAD PITCH
0.27
0.22
0.17
TYP
DIMENSIONS IN MILLIMETERS.
ACTUAL POSITION OF EACH LEAD IS WITHIN 0.08 OF ITS
IDEAL POSITION, WHEN MEASURED IN THE LATERAL DIRECTION.
CENTER DIMENSIONS ARE NOMINAL.
NOTES:
3.
2.
1.
DETAIL A
DETAIL A
SEATING
PLANE
0.85
MIN
0.25
MIN
DIMENSIONS IN MILLIMETERS.
ACTUAL POSITION OF THE BALL GRID IS
WITHIN 0.15 OF ITS IDEAL POSITION, RELATIVE TO
THE PACKAGE EDGES.
ACTUAL POSITION OF EACH BALL IS WITHIN 0.08
OF ITS IDEAL POSITION, RELATIVE TO THE BALL
GRID.
CENTER DIMENSIONS ARE NOMINAL.
NOTES:
3.
4.
1.
2.
DETAIL A
0.55
0.50
0.45
BALL
DIAMETER
0.10 MAX BALL
COPLANARITY
1.70
MAX
DETAIL A
8.80
BSC
SQ
0.80
BSC
BALL
PITCH
A
B
C
D
E
F
G
H
J
K
L
M
12 11 10 9 8 7 6 5 4 3 2 1
10.10
10.00 SQ
9.90
BOTTOM VIEW
TOP VIEW
A1 COR NER INDE X
T RIANG LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52