| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-2191 bảng dữ liệu(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-2191 bảng dữ liệu(HTML) 39 Page - Analog Devices |
|
39 / 52 page ![]() –39– REV. 0 ADSP-2191M Universal Asynchronous Receiver-Transmitter (UART) Port—Receive and Transmit Timing Figure 23 describes UART port receive and transmit operations. The maximum baud rate is HCLK/16. As shown in Figure 23 there is some latency between the generation internal UART interrupts and the external data operations. These latencies are negligible at the data transmission rates for the UART. Figure 23. UART Port—Receive and Transmit Timing RXD DATA(5–8) INTERNAL UART RECEIVE INTERRUPT UART RECEIVE BIT SET BY DATA STOP; CLEARED BY FIFO READ HCLK (SAMPLE CLOCK) TXD DATA(5–8) STOP (1–2) INTERNAL UART TRANSMIT INTERRUPT UART TRANSMIT BIT SET BY PROGRAM; CLEARED BY WRITE TO TRANSMIT START STOP TRANSMIT RECEIVE AS DATA WRITTEN TO BUFFER |