công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAMMP3X3S-J bảng dữ liệu(PDF) 11 Page - ITT Industries

tên linh kiện DAMMP3X3S-J
Giải thích chi tiết về linh kiện  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP3X3S-J bảng dữ liệu(HTML) 11 Page - ITT Industries

Back Button DAMMP3X3S-J Datasheet HTML 7Page - ITT Industries DAMMP3X3S-J Datasheet HTML 8Page - ITT Industries DAMMP3X3S-J Datasheet HTML 9Page - ITT Industries DAMMP3X3S-J Datasheet HTML 10Page - ITT Industries DAMMP3X3S-J Datasheet HTML 11Page - ITT Industries DAMMP3X3S-J Datasheet HTML 12Page - ITT Industries DAMMP3X3S-J Datasheet HTML 13Page - ITT Industries DAMMP3X3S-J Datasheet HTML 14Page - ITT Industries DAMMP3X3S-J Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
C
C-11
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Engaging Face
10°
E
C
B
A
D
Ø 3,05 (.120)
Cannon Crimp, Size 20
Military/High Reliability
D*MA Standard Density Crimp Contact Cable Connector
Dimensions
Receptacle
• For contact cavity arrangements, see pages C-44.
• For panel cutouts, see page C-49.
Shell Size
Layout
Through Hole
Dual Float Mount
DE
9
DEMA9S
DEMAY9S
DA
15
DAMA15S
DAMAY15S
DB
25
DBMA25S
DBMAY25S
DC
37
DCMA37S
DCMAY37S
DD
50
DDMA50S
DDMAY50S
Note: For residual magnetism level of 200 Gamma and shells and contacts with
50 micro inches (1,27m) gold plating, add NMBK52. Example DEMA9SNMBK52 with
50 microinches gold. For connectors without contacts, add F0.
Example: DEMA9SF0 (F0 not marked on the connector).
For crimp (Size 20) contacts and tooling, see page C-13.
Shell
A
B
C
D
E
F
W
K
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,317 (.0125) ± 0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
8,76 (.345) MAX
L
F
W
K
Plug
• For contact cavity arrangements, see pages C-44.
• For panel cutouts, see page C-49.
Shell Size
Layout
Dual
Through Hole
Float Mount
DE
9
DEMA9P
DEMAY9P
DA
14
DAMA15P
DAMAY15P
DB
25
DBMA25P
DBMAY25P
DC
37
DCMA37P
DCMAY37P
DD
50
DDMA50P
DDMAY50P
Note: For residual magnetism level of 200 Gamma and shells and contacts with 50
micro inches (1,27m) gold plating, add NMBK52. Example: DEMA15PNMBK52.
For connectors without contacts, add F0. Example: DEMA15PF0 (F0 not marked on
connector). For crimp (Size 22) contacts and tooling, see page C-13.
Dimensions
Shell
A
B
C
D
E
F
W
K
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,317 (.0125) ± 0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (8,36)
8,36 (.329)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
Engaging Face
A
C
B
10°
E
D
Ø 3,05 (.120)
8,76 (.345) MAX
L
K
F
W
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com