công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAMMP3X3S-J bảng dữ liệu(PDF) 3 Page - ITT Industries

tên linh kiện DAMMP3X3S-J
Giải thích chi tiết về linh kiện  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP3X3S-J bảng dữ liệu(HTML) 3 Page - ITT Industries

  DAMMP3X3S-J Datasheet HTML 1Page - ITT Industries DAMMP3X3S-J Datasheet HTML 2Page - ITT Industries DAMMP3X3S-J Datasheet HTML 3Page - ITT Industries DAMMP3X3S-J Datasheet HTML 4Page - ITT Industries DAMMP3X3S-J Datasheet HTML 5Page - ITT Industries DAMMP3X3S-J Datasheet HTML 6Page - ITT Industries DAMMP3X3S-J Datasheet HTML 7Page - ITT Industries DAMMP3X3S-J Datasheet HTML 8Page - ITT Industries DAMMP3X3S-J Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
C
C-3
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
D Subminiature Selector Guide
Series
Wire Gauge Range
AWG
Mating Cycles
RoHS confirm
Layout
Operating Voltage
Current Rating
(Amps)
Contact Resistance
Operating Temperature
Mil Salt Spray Test
Resistance in hours
Shell Material
Shell Finish
Insulator
Contact Type
Contact Material
Contact Finish
Page Number
D*MAM
AWG 18 - 30
500
No
9, 15, 25, 37, 50,
15, 26, 44, 62, 78
(high density)
1700 VAC*
7,5 A max
10 milli Ohm max
(Signal Contacts)
-50°C/150°C
48 hours
Steel
RoHS - Tin/Nickel
Yellow chromate over
cadmium or zinc
Thermoplastic,
Type PCT UL 94V-0
Turned
Copper Alloy
1,27 µm gold
C-11
D- Subminiature
D*MM
AWG 18-30
500
No
9, 15, 25, 37, 50
1700 VAC*
7,5 A max
10 milli Ohm max
-50°C/150°C
48 hours
Steel
RoHS - Tin/Nickel
Yellow chromate over
cadmium or zinc
Thermoplastic,
PCT UL 94V-0
Turned
Copper Alloy
1,27 µm gold
C-18
D*D
AWG 20 - 24
500
No
9, 15, 25, 37, 50
1700 VAC
7,5 A max
10 milli Ohm max
-50°C/150°C
48 hours
Aluminum
Yellow chromate over
cadmium or zinc
Thermoplastic,
PCT UL 94V-0
Turned
Copper Alloy
1,27 µm gold
C-40
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com