công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPC2330N bảng dữ liệu(PDF) 1 Page - IXYS Corporation

tên linh kiện CPC2330N
Giải thích chi tiết về linh kiện  Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2330N bảng dữ liệu(HTML) 1 Page - IXYS Corporation

  CPC2330N Datasheet HTML 1Page - IXYS Corporation CPC2330N Datasheet HTML 2Page - IXYS Corporation CPC2330N Datasheet HTML 3Page - IXYS Corporation CPC2330N Datasheet HTML 4Page - IXYS Corporation CPC2330N Datasheet HTML 5Page - IXYS Corporation CPC2330N Datasheet HTML 6Page - IXYS Corporation CPC2330N Datasheet HTML 7Page - IXYS Corporation CPC2330N Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC2330N-R03
1
CPC2330N
Dual Single-Pole
8-Pin SOIC OptoMOS® Relay
e3
Pb
Part #
Description
CPC2330N
8-Pin SOIC (50/tube)
CPC2330NTR
8-Pin SOIC (2000/reel)
Parameter
Rating
Units
Blocking Voltage
350
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
30
LED Current to operate
2
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecommunication
• Security
• Passive Infrared Detectors (PIR)
• Data Signalling
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• 1500V
rms Input/Output Isolation
• Small 8-Pin SOIC Package
• TTL/CMOS Compatible input
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Immune to radiated EM fields
• SMD Pick & Place, Wave Solderable
• Tape & Reel Version Available
The CPC2330N is a miniature device with two
independent solid state relays, one normally open
(1-Form-A) and the other normally closed (1-Form-B),
in an 8-pin SOIC package with 1500V
rms of input to
output isolation.
The optically coupled outputs, which use IXYS
Integrated Circuits Division's patented OptoMOS
architecture, are controlled by a highly efficient
GaAIAs infrared LED.
Using IXYS Integrated Circuits Division’s state of the
art, double-molded vertical construction packaging,
the CPC2330N is ideal for replacing larger less-
reliable reed and electromechanical relays.
Approvals
• UL Recognized Component: File E76270
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
Switching Characteristics of
Normally Open Devices
Switching Characteristics of
Normally Closed Devices
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
+ Control
– Control
Load
Load
1
2
3
4
7
8
5
6
+ Control
– Control
Load
Load
Form-B - Normally Closed
Form-A - Normally Open


Số phần tương tự - CPC2330N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IXYS Corporation
CPC2317N IXYS-CPC2317N Datasheet
126Kb / 7P
Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2317NTR IXYS-CPC2317NTR Datasheet
126Kb / 7P
Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
More results

Mô tả tương tự - CPC2330N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Clare, Inc.
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
8-Pin SOIC Dual OptoMOS짰 Relay
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
8-Pin Dual SOIC OptoMOS짰 Relay
LAA108 CLARE-LAA108 Datasheet
135Kb / 6P
Dual Single-Pole OptoMOS짰 Relay
LBA716 CLARE-LBA716 Datasheet
140Kb / 7P
Dual Single-Pole OptoMOS짰 Relay
XAA117 CLARE-XAA117 Datasheet
137Kb / 6P
Dual Single Pole OptoMOS짰 Relay
logo
IXYS Corporation
CPC2017N IXYS-CPC2017N Datasheet
115Kb / 6P
Dual Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2025N IXYS-CPC2025N Datasheet
115Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2125N IXYS-CPC2125N Datasheet
118Kb / 6P
Dual Single-Pole, Normally Closed 8-Pin SOIC OptoMOS짰 Relay
CPC2317N IXYS-CPC2317N Datasheet
126Kb / 7P
Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2030N IXYS-CPC2030N Datasheet
118Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com