công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPC2330N bảng dữ liệu(PDF) 2 Page - IXYS Corporation

tên linh kiện CPC2330N
Giải thích chi tiết về linh kiện  Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2330N bảng dữ liệu(HTML) 2 Page - IXYS Corporation

  CPC2330N Datasheet HTML 1Page - IXYS Corporation CPC2330N Datasheet HTML 2Page - IXYS Corporation CPC2330N Datasheet HTML 3Page - IXYS Corporation CPC2330N Datasheet HTML 4Page - IXYS Corporation CPC2330N Datasheet HTML 5Page - IXYS Corporation CPC2330N Datasheet HTML 6Page - IXYS Corporation CPC2330N Datasheet HTML 7Page - IXYS Corporation CPC2330N Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R03
CPC2330N
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Total Power Dissipation 1
600
mW
Isolation Voltage, Input to Output
1500
V
rms
ESD Rating, Human Body Model
8
kV
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
Soldering Temperature (10 Seconds)
260
°C
1 Derate linearly 5.0 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous 1
(Form-A) I
F=2mA
I
L
-
-
120
mA
rms / mADC
(Form-B) I
F=0mA
Peak
t =10ms
I
LPK
-
-
±350
mA
P
On-Resistance 2
I
L=120mA
R
ON
--
30
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
--
3
ms
Turn-Off
t
off
--
3
Off-State Leakage Current
V
L=350VP
I
LEAK
--
1
µA
Output Capacitance
V
L=50V, f=1MHz
(Form-A) I
F=0mA
C
OUT
-
9
-pF
(Form-B) I
F=5mA
6
Input Characteristics
Input Control Current to Activate 3
I
L=120mA
I
F
--
2
mA
Input Control Current to Deactivate
-
I
F
0.1
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Capacitance, Input to Output
-
-
-
1
-
pF
1
Load current derates linearly from 120mA @ 25oC to 60mA @ 85oC, and must be derated for both poles operating simultaneously.
2
Measurement taken within 1 second of on-time.
3
For applications requiring high temperature operation (greater than 60oC) an LED drive current of 4mA is recommended.
Electrical Characteristics @ 25ºC



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com