| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADMC326 bảng dữ liệu(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC326 bảng dữ liệu(HTML) 29 Page - Analog Devices |
|
29 / 31 page ![]() ADMC326 –29– REV. A 0 = SPORT 1 = UART SPORT1 MODE SELECT 0 = DR1A 1 = DR1B SPORT1 DATA RECEIVE SELECT 0 = DISABLE 1 = ENABLE PWMSYNC INTERRUPT 0 = DISABLE 1 = ENABLE PWMTRIP INTERRUPT 0 0 0 0 0 0 00 0 0 0 SYSSTAT (R) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 = LOW 1 = HIGH DM (0x2016) 0 = NORMAL 1 = WATCHDOG RESET OCCURRED PWMTRIP PIN STATUS WATCHDOG STATUS PWM TIMER STATUS 0 = 1ST HALF OF PWM CYCLE 1 = 2ND HALF OF PWM CYCLE 0 0 00 0 0 0 00 0 0 00 0 0 0 MODECTRL (R/W) DM (0x2015) 0 = SINGLE UPDATE MODE 1 = DOUBLE UPDATE MODE 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ADC MUX CONTROL 00 VAUX0 01 VAUX1 10 VAUX2 11 VAUX3 AUXILIARY PWM SELECT 0 = OFFSET MODE 1 = INDEPENDENT MODE ADC COUNTER SELECT 0 = CLKIN RATE 1 = CLKOUT RATE 0 0 00 0 0 0 00 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 00 IRQFLAG (R) PWMTRIP INTERRUPT PWMSYNC INTERRUPT DM (0x2017) 0 0 0 0 0 0 00 0 0 00 0 0 00 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 WDTIMER (W) DM (0x2018) 01 0 = NO INTERRUPT 1 = INTERRUPT OCCURRED PWM UPDATE MODE SELECT Figure 25. Configuration of Status Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |