| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADMC326 bảng dữ liệu(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC326 bảng dữ liệu(HTML) 26 Page - Analog Devices |
|
26 / 31 page ![]() ADMC326 –26– REV. A PIOFLAG0 (R) 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 00 0 0 0 PIOFLAG1 (R) 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 00 0 0 0 DM (0x2007) 0 = NO INTERRUPT 1 = INTERRUPT FLAGGED DM (0x2047) 0 = NO INTERRUPT 1 = INTERRUPT FLAGGED 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 PIOINTEN0 (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2006) 0 = INTERRUPT DISABLE 1 = INTERRUPT ENABLE 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 PIOINTEN1 (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2046) 0 = INTERRUPT DISABLE 1 = INTERRUPT ENABLE PIO0 - PIO7 PIO8 PIO0 - PIO7 PIO8 Figure 22. Configuration of Additional PIO Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |