| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KTPFPGMEVMEUG bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
KTPFPGMEVMEUG bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc |
|
9 / 48 page ![]() KTPFPGMEVMEUG, Rev. 2.0 Freescale Semiconductor 9 Software and Drivers Installation 5.1 Using NI VISA Driver Wizard to install .INF file Before proceeding to generate and install the proper .INF files, connect the KITPFPGMEVME programmer to the PC USB port using the standard type A-to-B mini USB cable. Windows will then detect the new hardware. Next, proceed with the installation. Do not connect to Windows Update to search for software. Figure 6. Install New PF Programmer Hardware On the following window, select the “Install Software Automatically” option and click next. Figure 7. Automatic Hardware Installation |